Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA32613TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA32613TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 21Page - STMicroelectronics STA32613TR Datasheet HTML 22Page - STMicroelectronics STA32613TR Datasheet HTML 23Page - STMicroelectronics STA32613TR Datasheet HTML 24Page - STMicroelectronics STA32613TR Datasheet HTML 25Page - STMicroelectronics STA32613TR Datasheet HTML 26Page - STMicroelectronics STA32613TR Datasheet HTML 27Page - STMicroelectronics STA32613TR Datasheet HTML 28Page - STMicroelectronics STA32613TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25/43
STA326
7.9.4
Register - Preset EQ Settings (Address 0Dh)
Table 23. Preset EQ Selection
XO (2..0)
Bass Management - Crossover Frequency
1000
220 Hz
1001
240 Hz
1010
260 Hz
1011
280 Hz
1100
300 Hz
1101
320 Hz
1110
340 Hz
1111
360 Hz
D7
D6
D5
D4
D3
D2
D1
D0
PEQ4
PEQ3
PEQ2
PEQ1
PEQ0
00000
PEQ (3..0)
Setting
00000
Flat
00001
Rock
00010
Soft Rock
00011
Jazz
00100
Classical
00101
Dance
00110
Pop
00111
Soft
01000
Hard
01001
Party
01010
Vocal
01011
Hip-Hop
01100
Dialog
01101
Bass-Boost #1
01110
Bass-Boost #2
01111
Bass-Boost #3
10000
Loudness 1 (least boost)
10001
Loudness 2
10010
Loudness 3
10011
Loudness 4
10100
Loudness 5
10101
Loudness 6
10110
Loudness 7
10111
Loudness 8
11000
Loudness 9
11001
Loudness 10
11010
Loudness 11
11011
Loudness 12
11100
Loudness 13
11101
Loudness 14
11110
Loudness 15
11111
Loudness 16 (most boost)
Table 22. Crossover Frequency Selection (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com