Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA32613TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA32613TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 28Page - STMicroelectronics STA32613TR Datasheet HTML 29Page - STMicroelectronics STA32613TR Datasheet HTML 30Page - STMicroelectronics STA32613TR Datasheet HTML 31Page - STMicroelectronics STA32613TR Datasheet HTML 32Page - STMicroelectronics STA32613TR Datasheet HTML 33Page - STMicroelectronics STA32613TR Datasheet HTML 34Page - STMicroelectronics STA32613TR Datasheet HTML 35Page - STMicroelectronics STA32613TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
STA326
32/43
Table 33. Mix/Bass Management Block Diagram
After a mix is achieved, STA326 also provides the capability to implement crossver filters on all channels
corresponding to 2.1 bass management solution. Channels 1-2 use a 1st order high-pass filter and chan-
nel 3 uses a 2nd order low-pass filter corresponding to the setting of the XO bits of I2C register 0Ch. If XO
= 000, user specified crossover filters are used.
By default these coefficients correspond to pass-through. However, the user can write these coefficients
in a similar way as the EQ biquads. When user-defined setting is selected, the user can only write 2nd
order crossover filters. This output is then passed on to the Volume/Limiter block.
8.5 Calculating 24-Bit Signed Fractional Numbers from a dB Value
The pre-scale, mixing, and post-scale functions of the STA326 use 24-bit signed fractional multipliers to
attenuate signals. These attenuations can also invert the phase and therefore range in value from -1 to
+1. It is possible to calculate the coefficient to utilize for a given negative dB value (attenuation) via the
equations below.
– Non-Inverting Phase Numbers 0 to +1 :
– Coefficient = Round(8388607 * 10^(dB/20))
– Inverting Phase Numbers 0 to -1 :
– Coefficient = 16777216 - Round(8388607 * 10^(dB/20))
As can be seen by the preceding equations, the value for positive phase 0dB is 0x7FFFFF and the value
for negative phase 0dB is 0x800000.
C1MX1
C1MX2
C2MX1
C2MX2
C3MX1
C3MX2
High-Pass
XO
Filter
High-Pass
XO
Filter
Low-Pass
XO
Filter
User-defined Mix Coefficients
Crossover Frequency determined
by XO setting.
User-defined when XO = 000
Channel #1
from EQ
Channel #2
from EQ
Channel#1
to GC/Vol
Channel#2
to GC/Vol
Channel#3
to GC/Vol
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com