Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032B Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC32MX120F032B
Description  32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032B Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC32MX120F032B Datasheet HTML 16Page - Microchip Technology PIC32MX120F032B Datasheet HTML 17Page - Microchip Technology PIC32MX120F032B Datasheet HTML 18Page - Microchip Technology PIC32MX120F032B Datasheet HTML 19Page - Microchip Technology PIC32MX120F032B Datasheet HTML 20Page - Microchip Technology PIC32MX120F032B Datasheet HTML 21Page - Microchip Technology PIC32MX120F032B Datasheet HTML 22Page - Microchip Technology PIC32MX120F032B Datasheet HTML 23Page - Microchip Technology PIC32MX120F032B Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 344 page
background image
PIC32MX1XX/2XX 28/36/44-PIN FAMILY
DS60001168H-page 20
 2011-2015 Microchip Technology Inc.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number(1)
Pin
Type
Buffer
Type
Description
28-pin
QFN
28-pin
SSOP/
SPDIP/
SOIC
36-pin
VTLA
44-pin
QFN/
TQFP/
VTLA
AN0
27
2
33
19
I
Analog
Analog input channels.
AN1
28
3
34
20
I
Analog
AN2
1
4
35
21
I
Analog
AN3
2
5
36
22
I
Analog
AN4
3
6
1
23
I
Analog
AN5
4
7
2
24
I
Analog
AN6
—
—
3
25
I
Analog
AN7
—
—
4
26
I
Analog
AN8
—
—
—
27
I
Analog
AN9
23
262915
I
Analog
AN10
22
25
28
14
I
Analog
AN11
21
24
27
11
I
Analog
AN12
20(2)
23(2)
26(2)
10(2)
IAnalog
11(3)
36(3)
CLKI
6
9
7
30
I
ST/CMOS External clock source input. Always
associated with OSC1 pin function.
CLKO
7
10
8
31
O
—
Oscillator crystal output. Connects to
crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in
RC and EC modes. Always associated
with OSC2 pin function.
OSC1
6
9
7
30
I
ST/CMOS Oscillator crystal input. ST buffer when
configured in RC mode; CMOS
otherwise.
OSC2
7
10
8
31
O
—
Oscillator crystal output. Connects to
crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in
RC and EC modes.
SOSCI
8
11
9
33
I
ST/CMOS 32.768 kHz low-power oscillator crystal
input; CMOS otherwise.
SOSCO
9
12
10
34
O
—
32.768 kHz low-power oscillator crystal
output.
REFCLKI
PPS
PPS
PPS
PPS
I
ST
Reference Input Clock
REFCLKO
PPS
PPS
PPS
PPS
O
—
Reference Output Clock
IC1
PPS
PPS
PPS
PPS
I
ST
Capture Inputs 1-5
IC2
PPS
PPS
PPS
PPS
I
ST
IC3
PPS
PPS
PPS
PPS
I
ST
IC4
PPS
PPS
PPS
PPS
I
ST
IC5
PPS
PPS
PPS
PPS
I
ST
Legend:
CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
PPS = Peripheral Pin Select
— = N/A
Note 1:
Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability.
2:
Pin number for PIC32MX1XX devices only.
3:
Pin number for PIC32MX2XX devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com