Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032B Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC32MX120F032B
Description  32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032B Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC32MX120F032B Datasheet HTML 11Page - Microchip Technology PIC32MX120F032B Datasheet HTML 12Page - Microchip Technology PIC32MX120F032B Datasheet HTML 13Page - Microchip Technology PIC32MX120F032B Datasheet HTML 14Page - Microchip Technology PIC32MX120F032B Datasheet HTML 15Page - Microchip Technology PIC32MX120F032B Datasheet HTML 16Page - Microchip Technology PIC32MX120F032B Datasheet HTML 17Page - Microchip Technology PIC32MX120F032B Datasheet HTML 18Page - Microchip Technology PIC32MX120F032B Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 344 page
background image
 2011-2015 Microchip Technology Inc.
DS60001168H-page 15
PIC32MX1XX/2XX 28/36/44-PIN FAMILY
TABLE 14:
PIN NAMES FOR 44-PIN USB DEVICES
Pin #
Full Pin Name
Pin #
Full Pin Name
1
RPB9/SDA1/CTED4/PMD3/RB9
23
AN4/C1INB/C2IND/RPB2/SDA2/CTED13/PMD2/RB2
2
RPC6/PMA1/RC6
24
AN5/C1INA/C2INC/RTCC/RPB3/SCL2/PMWR/RB3
3
RPC7/PMA0/RC7
25
AN6/RPC0/RC0
4
RPC8/PMA5/RC8
26
AN7/RPC1/RC1
5
RPC9/CTED7/PMA6/RC9
27
AN8/RPC2/PMA2/RC2
6
VSS
28
VDD
7
VCAP
29
VSS
8
PGED2/RPB10/D+/CTED11/RB10
30
OSC1/CLKI/RPA2/RA2
9
PGEC2/RPB11/D-/RB11
31
OSC2/CLKO/RPA3/RA3
10
VUSB3V3
32
TDO/RPA8/PMA8/RA8
11
AN11/RPB13/CTPLS/PMRD/RB13
33
SOSCI/RPB4/RB4
12
PGED4(4)/TMS/PMA10/RA10
34
SOSCO/RPA4/T1CK/CTED9/RA4
13
PGEC4(4)/TCK/CTED8/PMA7/RA7
35
TDI/RPA9/PMA9/RA9
14
CVREFOUT/AN10/C3INB/RPB14/VBUSON/SCK1/CTED5/RB14
36
AN12/RPC3/RC3
15
AN9/C3INA/RPB15/SCK2/CTED6/PMCS1/RB15
37
RPC4/PMA4/RC4
16
AVSS
38
RPC5/PMA3/RC5
17
AVDD
39
VSS
18
MCLR
40
VDD
19
PGED3/VREF+/CVREF+/AN0/C3INC/RPA0/CTED1/PMD7/RA0
41
RPB5/USBID/RB5
20
PGEC3/VREF-/CVREF-/AN1/RPA1/CTED2/PMD6/RA1
42
VBUS
21
PGED1/AN2/C1IND/C2INB/C3IND/RPB0/PMD0/RB0
43
RPB7/CTED3/PMD5/INT0/RB7
22
PGEC1/AN3/C1INC/C2INA/RPB1/CTED12/PMD1/RB1
44
RPB8/SCL1/CTED10/PMD4/RB8
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 11.3 “Peripheral Pin
Select”
for restrictions.
2:
Every I/O port pin (RAx-RCx) can be used as a change notification pin (CNAx-CNCx). See Section 11.0 “I/O Ports” for more information.
3:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
4:
This pin function is not available on PIC32MX210F016D and PIC32MX220F032D devices.
5:
Shaded pins are 5V tolerant.
44-PIN VTLA (TOP VIEW)(1,2,3,5)
PIC32MX210F016D
PIC32MX220F032D
PIC32MX230F064D
PIC32MX230F256D
PIC32MX250F128D
PIC32MX270F256D
1
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com