Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1602APT Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM1602APT
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1602APT Datasheet HTML 16Page - Texas Instruments PCM1602APT Datasheet HTML 17Page - Texas Instruments PCM1602APT Datasheet HTML 18Page - Texas Instruments PCM1602APT Datasheet HTML 19Page - Texas Instruments PCM1602APT Datasheet HTML 20Page - Texas Instruments PCM1602APT Datasheet HTML 21Page - Texas Instruments PCM1602APT Datasheet HTML 22Page - Texas Instruments PCM1602APT Datasheet HTML 23Page - Texas Instruments PCM1602APT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
t(MCH)
1.4 V
ML
t(MLS)
LSB
1.4 V
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MDI
LSB
MDI
T0013-05
LSB
50% of VDD
MDO
t(MOS)
1.4 V
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
AUTO-INCREMENT READ OPERATION
The auto-increment read function allows for multiple registers to be read sequentially. The auto-increment read
function is enabled by setting the INC bit of control register 11 to 1. The sequence always starts with the register
indexed by the REG[6:0] bits in control register 11, and ends by the ML setting to 1 after MC clock cycle for the
least-significant bit of last register.
Figure 26 shows the timing of the auto-increment read operation. The operation begins by writing control register
11, setting INC to 1, and setting REG[6:0] to the first register to be read in the sequence. The actual read
operation starts on the next HIGH-to-LOW transition of the ML pin.
The read cycle starts by setting the R/W bit of the control word to 1, and setting all of the IDX[6:0] bits to 0. All
subsequent bits input on MDI are ignored while ML is set to 0. For the first eight clocks of the read cycle, MDO is
set to the high-impedance state. This is followed by a sequence of 8-bit words, each corresponding to the data
contained in control registers N through Y, where N is defined by the REG[6:0] bits in control register 11, and
where Y is the last register to be read. The read cycle is completed when ML is set to 1, immediately after the
MC clock cycle for the least-significant bit of the last register has completed. If ML is held low and the MC clock
continues beyond the last physical register (register 12), the read operation returns to control register 1 and
subsequent control registers, continuing until ML is set to 1.
CONTROL INTERFACE TIMING REQUIREMENTS
Figure 27 shows a detailed timing diagram for the serial control interface. Pay special attention to the setup and
hold times, as well as t(MLS) and t(MLH), which define minimum delays between the edges of the ML and MC
clocks. These timing parameters are critical for proper control-port operation.
SYMBOL
PARAMETER
MIN
MAX
UNITS
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
50
ns
t(MCH)
MC high-level time
50
ns
t(MHH)
ML high-level time
300
ns
t(MLS)
ML falling edge to MC rising edge
20
ns
t(MLH)
ML hold time
20
ns
t(MDH)
MDI hold time
15
ns
t(MDS)
MDL setup time
20
ns
t(MOS)
MC falling edge to MDO stable
30
ns
(1)
MC rising edge for LSB to ML rising edge.
Figure 27. Control Interface Timing
20
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com