Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1602APT Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM1602APT
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1602APT Datasheet HTML 23Page - Texas Instruments PCM1602APT Datasheet HTML 24Page - Texas Instruments PCM1602APT Datasheet HTML 25Page - Texas Instruments PCM1602APT Datasheet HTML 26Page - Texas Instruments PCM1602APT Datasheet HTML 27Page - Texas Instruments PCM1602APT Datasheet HTML 28Page - Texas Instruments PCM1602APT Datasheet HTML 29Page - Texas Instruments PCM1602APT Datasheet HTML 30Page - Texas Instruments PCM1602APT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 11
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
INC
REG6
REG5
REG4
REG3
REG2
REG1
REG0
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
INC – Auto-Increment Read Control
This bit is read/write.
Default value: 0
INC = 0
Auto-increment read disabled (default)
INC = 1
Auto-increment read enabled
The INC bit is used to enable or disable the auto-increment read feature of the serial control interface. See the
Serial Control Interface section of this data sheet for details regarding auto-increment read operation.
REG[6:0] – Read Register Index
These bits are read/write.
Default value: 01h
The REG[6:0] bits are used to set the index of the register to be read when performing the single-register read
operation. In the case of an auto-increment read operation, the REG[6:0] bits indicate the index of the last
register to be read in the auto-increment read sequence. For example, if registers 1 through 6 are to be read
during an auto-increment read operation, the REG[6:0] bits would be set to 06h. See the Serial Control Interface
section of this data sheet for details regarding the single-register and auto-increment read operations.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com