Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1609APT Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM1609APT
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 27Page - Texas Instruments PCM1609APT Datasheet HTML 28Page - Texas Instruments PCM1609APT Datasheet HTML 29Page - Texas Instruments PCM1609APT Datasheet HTML 30Page - Texas Instruments PCM1609APT Datasheet HTML 31Page - Texas Instruments PCM1609APT Datasheet HTML 32Page - Texas Instruments PCM1609APT Datasheet HTML 33Page - Texas Instruments PCM1609APT Datasheet HTML 34Page - Texas Instruments PCM1609APT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
www.ti.com
APPLICATION INFORMATION
CONNECTION DIAGRAMS
10
µF
10
µF
10
µF
ZERO1−6
+5V Power Supply
S0090-03
PLL170x
SCKO3
ML
MC
MD
Regulator
Microcontroller
LPF
LPF
LPF
LPF
LPF
LPF
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
LRCK
RST
BCK
DATA1
DATA2
DATA3
ZEROA
35
36
25
26
27
28
29
30
31
32
33
34
VCC3
AGND3
VCC4
AGND4
VOUT8
AGND6
VCC5
AGND5
VOUT7
VCOM
VOUT1
VOUT2
24
23
22
21
20
19
18
17
16
15
14
13
PCM1609A
37
38
39
40
41
42
43
44
45
46
47
48
RST
SCKI
SCKO
BCK
LRCK
TEST
VDD
DGND
DATA1
DATA2
DATA3
ZEROA
2
1
12
11
10
9
8
7
6
5
4
3
ZERO7, 8
DATA4
LPF
VOUT7
LPF
VOUT8
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
A basic connection diagram with the necessary power-supply bypassing and decoupling components is shown in
Figure 30. TI recommends using the component values shown in Figure 30 for all designs.
Figure 30. Basic Connection Diagram
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com