Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1609APT Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM1609APT
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 32Page - Texas Instruments PCM1609APT Datasheet HTML 33Page - Texas Instruments PCM1609APT Datasheet HTML 34Page - Texas Instruments PCM1609APT Datasheet HTML 35Page - Texas Instruments PCM1609APT Datasheet HTML 36Page - Texas Instruments PCM1609APT Datasheet HTML 37Page - Texas Instruments PCM1609APT Datasheet HTML 38Page - Texas Instruments PCM1609APT Datasheet HTML 39Page - Texas Instruments PCM1609APT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.ti.com
THEORY OF OPERATION
B0008-03
+
+
−
Z–1
+
+
+
+
+
+
8-Level Quantizer
−
Z–1
IN
8 fS
OUT
64 fS
+
+
Z–1
+
+
Z–1
+
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
The DAC section of the PCM1609A is based on a multibit delta-sigma architecture. This architecture uses a
fourth-order noise shaper and an 8-level amplitude quantizer, followed by an analog low-pass filter. A block
diagram of the delta-sigma modulator is shown in Figure 36. This architecture has the advantage of stability and
improved jitter tolerance, when compared to traditional 1-bit (2-level) delta-sigma designs.
Figure 36. Eight-Level Delta-Sigma Modulator
The combined oversampling rate of the digital interpolation filter and the delta-sigma modulator is 32 fS, 64 fS, or
128 fS. The total oversampling rate is determined by the desired sampling frequency. If fS ≤ 96 kHz, the OVER bit
in register 12 can be set to an oversampling rate of 64 fS or 128 fS. If fS > 96 kHz, the OVER bit can be used to
set the oversampling rate to 32 fS or 64 fS. Figure 37 shows the out-of-band quantization noise plots for both the
64
× and 128× oversampling scenarios. Notice that the 128× oversampling plot shows significantly improved
out-of-band noise performance, allowing for a simplified low-pass filter to be used at the output of the DAC.
36
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com