Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TI/ML Datasheet(PDF) 225 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 225 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 221Page - Microchip Technology LAN9252TI/ML Datasheet HTML 222Page - Microchip Technology LAN9252TI/ML Datasheet HTML 223Page - Microchip Technology LAN9252TI/ML Datasheet HTML 224Page - Microchip Technology LAN9252TI/ML Datasheet HTML 225Page - Microchip Technology LAN9252TI/ML Datasheet HTML 226Page - Microchip Technology LAN9252TI/ML Datasheet HTML 227Page - Microchip Technology LAN9252TI/ML Datasheet HTML 228Page - Microchip Technology LAN9252TI/ML Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 225
LAN9252
+8h-9h
FMMUx Physical Start Address Register
+Ah
FMMUx Physical Start Bit Register
+Bh
FMMUx Type Register
+Ch
FMMUx Activate Register
+Dh-Fh
FMMUx Reserved Register
0630h-06FFh Reserved
0800h-081Fh
SyncManager[3:0] Registers (4x8 bytes)
+0h-1h
SyncManager x Physical Start Address Register
+2h-3h
SyncManager x Length Register
+4h
SyncManager x Control Register
+5h
SyncManager x Status Register
+6h
SyncManager x Activate Register
+7h
SyncManager x PDI Control Register
0820h-087Fh Reserved
0900h-09FFh Distributed Clocks (DC)
Distributed Clocks - Receive Times
0900h-0903h Receive Time Port 0 Register
0904h-0907h Receive Time Port 1 Register
0908h-090Bh Receive Time Port 2 Register
090Ch-090Fh Reserved
Distributed Clocks - Time Loop Control Unit
0910h-0917h System Time Register
0918h-091Fh Receive Time ECAT Processing Unit Register
0920h-0927h System Time Offset Register
0928h-092Bh System Time Delay Register
092Ch-092Fh System Time Difference Register
0930h-0931h Speed Counter Start Register
0932h-0933h Speed Counter Diff Register
0934h
System Time Difference Filter Depth Register
0935h
Speed Counter Filter Depth Register
Distributed Clocks - Cyclic Unit Control
0980h
Cyclic Unit Control Register
Distributed Clocks - SYNC Out Unit
0981h
Activation Register
0982h-0983h Pulse Length of SyncSignals Register
0984h
Activation Status Register
098Eh
SYNC0 Status Register
098Fh
SYNC1 Status Register
0990h-0997h Start Time Cyclic Operation Register
0998h-099Fh Next SYNC1 Pulse Register
09A0h-09A3h SYNC0 Cycle Time Register
09A4h-09A7h SYNC1 Cycle Time Register
Distributed Clocks - Latch In Unit
09A8h
LATCH0 Control Register
TABLE 12-15: ETHERCAT CORE CSR REGISTERS
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com