Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TI/ML Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 37Page - Microchip Technology LAN9252TI/ML Datasheet HTML 38Page - Microchip Technology LAN9252TI/ML Datasheet HTML 39Page - Microchip Technology LAN9252TI/ML Datasheet HTML 40Page - Microchip Technology LAN9252TI/ML Datasheet HTML 41Page - Microchip Technology LAN9252TI/ML Datasheet HTML 42Page - Microchip Technology LAN9252TI/ML Datasheet HTML 43Page - Microchip Technology LAN9252TI/ML Datasheet HTML 44Page - Microchip Technology LAN9252TI/ML Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 41
LAN9252
Port A PHY Reset
A Port A PHY reset is performed by setting the PHY_A_RST bit of the Reset Control Register (RESET_CTL) or the Soft
Reset bit in the PHY x Basic Control Register (PHY_BASIC_CONTROL_x). Upon completion of the Port A PHY reset,
the PHY_A_RST and Soft Reset bits are automatically cleared. No other modules of the device are affected by this
reset.
Port A PHY reset completion can be determined by polling the PHY_A_RST bit in the Reset Control Register
(RESET_CTL) or the Soft Reset bit in the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) until it clears.
Under normal conditions, the PHY_A_RST and Soft Reset bit will clear approximately 102 uS after the Port A PHY reset
occurrence.
In addition to the methods above, the Port A PHY is automatically reset after returning from a PHY power-down mode.
This reset differs in that the PHY power-down mode reset does not reload or reset any of the PHY registers. Refer to
Section 11.2.8, "PHY Power-Down Modes," on page 131 for additional information.
Refer to Section 11.2.10, "Resets," on page 135 for additional information on Port A PHY resets.
If Port A PHY is in 100BASE-FX mode, it is reset when the Enhanced link detection function detects errors on port 0 (2
port mode or 3 port downstream mode) or on port 2 (3 port upstream mode).
Port B PHY Reset
A Port B PHY reset is performed by setting the PHY_B_RST bit of the Reset Control Register (RESET_CTL) or the Soft
Reset bit in the PHY x Basic Control Register (PHY_BASIC_CONTROL_x). Upon completion of the Port B PHY reset,
the PHY_B_RST and Soft Reset bits are automatically cleared. No other modules of the device are affected by this
reset.
Port B PHY reset completion can be determined by polling the PHY_B_RST bit in the Reset Control Register
(RESET_CTL) or the Soft Reset bit in the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) until it clears.
Under normal conditions, the PHY_B_RST and Soft Reset bit will clear approximately 102 us after the Port B PHY reset
occurrence.
In addition to the methods above, the Port B PHY is automatically reset after returning from a PHY power-down mode.
This reset differs in that the PHY power-down mode reset does not reload or reset any of the PHY registers. Refer to
Section 11.2.8, "PHY Power-Down Modes," on page 131 for additional information.
Refer to Section 11.2.10, "Resets," on page 135 for additional information on Port B PHY resets.
If Port B PHY is in 100BASE-FX mode, it is reset when the Enhanced link detection function detects errors on port 1.
EtherCAT Controller Reset
A compete device and system reset can be initiated by either the EtherCAT master or by the local host by writing the
value sequence of 0x52 (‘R’), 0x45 (‘E’) and 0x53 (‘S’) into the ESC Reset ECAT Register (for the master) or the ESC
Reset PDI Register (for the local host). This will trigger the reset described in Section 6.2.1.3, "EtherCAT System Reset".
A reset of just the EtherCAT Controller may be performed by setting the ETHERCAT_RST bit in the Reset Control Reg-
ister (RESET_CTL).
This will reset the EtherCAT Core and its registers. It will also reset the EtherCAT CSR and Process Data RAM Access
logic described in Section 12.11, on page 208 and will reset the registers described in Section 12.13, "EtherCAT CSR
and Process Data RAM Access Registers (Directly Addressable)," on page 214.
Since the EtherCAT module will reconfigure the device from the EEPROM, the Host interfaces will be disabled until reset
is complete. Completion of the reset must be determined by using the methods described in Section 9.4.2.2, on page 64
and Section 9.5.3.2, on page 85 for HBI and Section 10.2.1.1, on page 104 for SPI/SQI.
Note:
When using the Soft Reset bit to reset the Port A PHY, register bits designated as NASR are not reset.
Note:
When using the Soft Reset bit to reset the Port B PHY, register bits designated as NASR are not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com