Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TI/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 39Page - Microchip Technology LAN9252TI/ML Datasheet HTML 40Page - Microchip Technology LAN9252TI/ML Datasheet HTML 41Page - Microchip Technology LAN9252TI/ML Datasheet HTML 42Page - Microchip Technology LAN9252TI/ML Datasheet HTML 43Page - Microchip Technology LAN9252TI/ML Datasheet HTML 44Page - Microchip Technology LAN9252TI/ML Datasheet HTML 45Page - Microchip Technology LAN9252TI/ML Datasheet HTML 46Page - Microchip Technology LAN9252TI/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 43
LAN9252
6.3
Power Management
The device supports several block and chip level power management features as well as wake-up event detection and
notification.
6.3.1
WAKE-UP EVENT DETECTION
6.3.1.1
PHY A & B Energy Detect
Energy Detect Power Down mode reduces PHY power consumption. In energy-detect power-down mode, the PHY will
resume from power-down when energy is seen on the cable (typically from link pulses) and set the ENERGYON inter-
rupt bit in the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x).
Refer to Section 11.2.8.2, "Energy Detect Power-Down," on page 131 for details on the operation and configuration of
the PHY energy-detect power-down mode.
If enabled, via the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x), the PHY will generate an interrupt.
This interrupt is reflected in the Interrupt Status Register (INT_STS), bit 26 (PHY_INT_A) for PHY A and bit 27
(PHY_INT_B) for PHY B. The INT_STS register bits will trigger the IRQ interrupt output pin if enabled, as described in
Section 8.2.1, "Ethernet PHY Interrupts," on page 54.
The energy-detect PHY interrupts will also set the appropriate Energy-Detect / WoL Status Port A (ED_WOL_STS_A)
or Energy-Detect / WoL Status Port B (ED_WOL_STS_B) bit of the Power Management Control Register (PMT_CTRL).
The Energy-Detect / WoL Enable Port A (ED_WOL_EN_A) and Energy-Detect / WoL Enable Port B (ED_WOL_EN_B)
bits will enable the corresponding status bits as a PME event.
6.3.1.2
PHY A & B Wake on LAN (WoL)
PHY A and B provide WoL event detection of Perfect DA, Broadcast, Magic Packet, and Wakeup frames.
When enabled, the PHY will detect WoL events and set the WoL interrupt bit in the PHY x Interrupt Source Flags Reg-
ister (PHY_INTERRUPT_SOURCE_x). If enabled via the PHY x Interrupt Mask Register (PHY_INTER-
RUPT_MASK_x), the PHY will generate an interrupt. This interrupt is reflected in the Interrupt Status Register
(INT_STS), bit 26 (PHY_INT_A) for PHY A and bit 27 (PHY_INT_B) for PHY B. The INT_STS register bits will trigger
the IRQ interrupt output pin if enabled, as described in Section 8.2.1, "Ethernet PHY Interrupts," on page 54.
Refer to Section 11.2.9, "Wake on LAN (WoL)," on page 132 for details on the operation and configuration of the PHY
WoL.
The WoL PHY interrupts will also set the appropriate Energy-Detect / WoL Status Port A (ED_WOL_STS_A) or Energy-
Detect / WoL Status Port B (ED_WOL_STS_B) bit of the Power Management Control Register (PMT_CTRL). The
Energy-Detect / WoL Enable Port A (ED_WOL_EN_A) and Energy-Detect / WoL Enable Port B (ED_WOL_EN_B) bits
enable the corresponding status bits as a PME event.
6.3.2
WAKE-UP (PME) NOTIFICATION
A simplified diagram of the logic that controls the PME interrupt can be seen in Figure 6-1.
The PME module handles the latching of the PHY B Energy-Detect / WoL Status Port B (ED_WOL_STS_B) bit and the
PHY A Energy-Detect / WoL Status Port A (ED_WOL_STS_A) bit in the Power Management Control Register (PMT_C-
TRL).
Note:
If a carrier is present when Energy Detect Power Down is enabled, then detection will occur immediately.
Note:
Any PHY interrupt will set the above status bits. The Host should only enable the appropriate PHY interrupt
source in the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x).
Note:
Any PHY interrupt will set the above status bits. The Host should only enable the appropriate PHY interrupt
source in the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com