Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TI/ML Datasheet(PDF) 305 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 305 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 301Page - Microchip Technology LAN9252TI/ML Datasheet HTML 302Page - Microchip Technology LAN9252TI/ML Datasheet HTML 303Page - Microchip Technology LAN9252TI/ML Datasheet HTML 304Page - Microchip Technology LAN9252TI/ML Datasheet HTML 305Page - Microchip Technology LAN9252TI/ML Datasheet HTML 306Page - Microchip Technology LAN9252TI/ML Datasheet HTML 307Page - Microchip Technology LAN9252TI/ML Datasheet HTML 308Page - Microchip Technology LAN9252TI/ML Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 305
LAN9252
17.0
JTAG
17.1
JTAG
A IEEE 1149.1 compliant TAP Controller supports boundary scan and various test modes.
The device includes an integrated JTAG boundary-scan test port for board-level testing. The interface consists of four
pins (TDO, TDI, TCK and TMS) and includes a state machine, data register array, and an instruction register. The JTAG
pins are described in Table 3-14, “JTAG Pin Descriptions,” on page 28. The JTAG interface conforms to the IEEE Stan-
dard 1149.1 - 2001 Standard Test Access Port (TAP) and Boundary-Scan Architecture.
All input and output data is synchronous to the TCK test clock input. TAP input signals TMS and TDI are clocked into
the test logic on the rising edge of TCK, while the output signal TDO is clocked on the falling edge.
JTAG pins are multiplexed with the GPIO/LED and EEPROM pins. The JTAG functionality is selected when the TEST-
MODE pin is asserted.
The implemented IEEE 1149.1 instructions and their op codes are shown in Table 17-1.
Note:
The JTAG device ID is 00101445h
Note:
All digital I/O pins support IEEE 1149.1 operation. Analog pins and the OSCI / OSCO pins do not support
IEEE 1149.1 operation.
TABLE 17-1:
IEEE 1149.1 OP CODES
INSTRUCTION
OP CODE
COMMENT
BYPASS 0
16'h0000
Mandatory Instruction
BYPASS 1
16'hFFFF
Mandatory Instruction
SAMPLE/PRELOAD
16'hFFF8
Mandatory Instruction
EXTEST
16'hFFE8
Mandatory Instruction
CLAMP
16'hFFEF
Optional Instruction
ID_CODE
16'hFFFE
Optional Instruction
HIGHZ
16'hFFCF
Optional Instruction
INT_DR_SEL
16'hFFFD
Private Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com