Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9252TI/ML Datasheet(PDF) 316 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 316 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 312Page - Microchip Technology LAN9252TI/ML Datasheet HTML 313Page - Microchip Technology LAN9252TI/ML Datasheet HTML 314Page - Microchip Technology LAN9252TI/ML Datasheet HTML 315Page - Microchip Technology LAN9252TI/ML Datasheet HTML 316Page - Microchip Technology LAN9252TI/ML Datasheet HTML 317Page - Microchip Technology LAN9252TI/ML Datasheet HTML 318Page - Microchip Technology LAN9252TI/ML Datasheet HTML 319Page - Microchip Technology LAN9252TI/ML Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 329 page
background image
LAN9252
DS00001909A-page 316
 2015 Microchip Technology Inc.
18.6.2
POWER SEQUENCING TIMING
These diagrams illustrates the device power sequencing requirements. The VDDIO, VDD33, VDD33TXRX1,
VDD33TXRX2, VDD33BIAS and magnetics power supplies must all reach operational levels within the specified time
period tpon. When operating with the internal regulators disabled, VDDCR, OSCVDD12, VDD12TX1 and VDD12TX2 are
also included into this requirement.
In addition, once the VDDIO power supply reaches 1.0 V, it must reach 80% of its operating voltage level (1.44 V when
operating at 1.8 V, 2.0 V when operating at 2.5 V, 2.64 V when operating at 3.3 V) within an additional 15ms. This
requirement can be safely ignored if using an external reset as shown in Section 18.6.3, "Reset and Configuration Strap
Timing".
Device power supplies can turn off in any order provided they all reach 0 volts within the specified time period tpoff.
FIGURE 18-2:
POWER SEQUENCE TIMING - INTERNAL REGULATORS
FIGURE 18-3:
POWER SEQUENCE TIMING - EXTERNAL REGULATORS
TABLE 18-9:
POWER SEQUENCING TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tpon
Power supply turn on time
-
-
50
ms
tpoff
Power supply turn off time
-
-
500
ms
VDDIO
Magnetics
Power
tpon
tpoff
VDD33, VDD33BIAS,
VDD33TXRX1, VDD33TXRX2
VDDIO
Magnetics
Power
tpon
tpoff
VDD33, VDD33BIAS,
VDD33TXRX1, VDD33TXRX2
VDDCR, OSCVDD12,
VDD12TX1, VDD12TX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com