Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1791ADB.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1791ADB.B
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1791ADB.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1791ADB.B Datasheet HTML 18Page - Texas Instruments PCM1791ADB.B Datasheet HTML 19Page - Texas Instruments PCM1791ADB.B Datasheet HTML 20Page - Texas Instruments PCM1791ADB.B Datasheet HTML 21Page - Texas Instruments PCM1791ADB.B Datasheet HTML 22Page - Texas Instruments PCM1791ADB.B Datasheet HTML 23Page - Texas Instruments PCM1791ADB.B Datasheet HTML 24Page - Texas Instruments PCM1791ADB.B Datasheet HTML 25Page - Texas Instruments PCM1791ADB.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
PCM1791A
SLES071B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
22
I2C Interface
The PCM1791A supports the I2C serial bus and the data transmission protocol for standard and fast mode as a slave
device. This protocol is explained in I2C specification 2.0.
In I2C mode, the control terminals are changed as follows.
TERMINAL NAME
TDMCA NAME
PROPERTY
DESCRIPTION
MS
ADR0
Input
I2C address 0
MUTE
ADR1
Input
I2C address 1
MC
SCL
Input
I2C clock
MDI
SDA
Input/output
I2C data
Slave Address
MSB
LSB
1
0
0
1
1
ADR1
ADR0
R/W
The PCM1791A has 7 bits for its own slave address. The first five bits (MSBs) of the slave address are factory preset
to 10011. The next two bits of the address byte are the device select bits, which can be user-defined by the ADR1
and ADR0 terminals. A maximum of four PCM1791As can be connected on the same bus at one time. Each
PCM1791A responds when it receives its own slave address.
Packet Protocol
A master device must control packet protocol, which consists of start condition, slave address, read/write bit, data
if write or acknowledge if read, and stop condition. The PCM1791A supports only slave receivers and slave
transmitters.
9
SDA
SCL
St
Start
1−7
8
1−8
9
1−8
9
9
Sp
Stop
Slave Address
ACK
DATA
ACK
DATA
ACK
ACK
Condition
Condition
R/W
R/W :
Read Operation if 1, Otherwise Write Operation
DATA: 8 Bits (Byte)
ACK:
Acknowledgement of a Byte if 0
NACK: Not Acknowledgement if 1
Write operation
Transmitter
M
M
M
S
M
S
M
S
…
S
M
Data Type
St
Slave address
W
ACK
DATA
ACK
DATA
ACK
…
ACK
Sp
Read operation
Transmitter
M
M
M
S
S
M
S
M
…
M
M
Data Type
St
Slave address
R
ACK
DATA
ACK
DATA
ACK
…
NACK
Sp
NOTE: M: Master device
S: Slave device
St: Start condition
Sp: Stop condition
W: Write
R: Read
Figure 32. Basic I2C Framework



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com