Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1791ADB.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1791ADB.B
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1791ADB.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1791ADB.B Datasheet HTML 25Page - Texas Instruments PCM1791ADB.B Datasheet HTML 26Page - Texas Instruments PCM1791ADB.B Datasheet HTML 27Page - Texas Instruments PCM1791ADB.B Datasheet HTML 28Page - Texas Instruments PCM1791ADB.B Datasheet HTML 29Page - Texas Instruments PCM1791ADB.B Datasheet HTML 30Page - Texas Instruments PCM1791ADB.B Datasheet HTML 31Page - Texas Instruments PCM1791ADB.B Datasheet HTML 32Page - Texas Instruments PCM1791ADB.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
PCM1791A
SLES071B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
29
DME: Digital De-Emphasis Control
This bit is available for read and write.
Default value: 0
DME = 0
De-emphasis disabled (default)
DME = 1
De-emphasis enabled
The DME bit enables or disables the de-emphasis function for both channels.
MUTE: Soft Mute Control
This bit is available for read and write.
Default value: 0
MUTE = 0
MUTE disabled (default)
MUTE = 1
MUTE enabled
The MUTE bit enables or disables the soft mute function for both channels.
Soft mute is operated as a 256-step attenuator. The speed for each step to –
∞ dB (mute) is determined by the
attenuation rate selected in the ATS register.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 19
R/W
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
RSV
RSV
FLT
INZD
R/W: Read/Write Mode Select
When R/W = 0, a write operaton is performed.
When R/W = 1, a read operaton is performed.
Default value: 0
REV: Output Phase Reversal
This bit is available for read and write.
Default value: 0
REV = 0
Normal output (default)
REV = 1
Inverted output
The REV bit inverts the output phase for both channels.
ATS[1:0]: Attenuation Rate Select
These bits are available for read and write.
Default value: 00
ATS[1:0]
Attenuation Rate Selection
00
Every LRCK (default)
01
LRCK/2
10
LRCK/4
11
LRCK/8
The ATS[1:0] bits select the rate at which the attenuator is decremented/incremented during level transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com