Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1807 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1807
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1807 Datasheet HTML 2Page - Texas Instruments PCM1807 Datasheet HTML 3Page - Texas Instruments PCM1807 Datasheet HTML 4Page - Texas Instruments PCM1807 Datasheet HTML 5Page - Texas Instruments PCM1807 Datasheet HTML 6Page - Texas Instruments PCM1807 Datasheet HTML 7Page - Texas Instruments PCM1807 Datasheet HTML 8Page - Texas Instruments PCM1807 Datasheet HTML 9Page - Texas Instruments PCM1807 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
Antialias
LPF
BCK
VINL
Reference
VREF
VINR
Delta-Sigma
Modulator
×1/64
Decimation
Filter
with
High-Pass Filter
Power Supply
AGND
VCC
VDD
DGND
Clock and Timing Control
LRCK
DOUT
SCKI
B0004-08
Antialias
LPF
Delta-Sigma
Modulator
Serial
Interface
Mode/
Format
Control
MS
MC
MD
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTERS
DECIMATION FILTER FREQUENCY RESPONSE
Normalized Frequency [
× fS]
−200
−150
−100
−50
0
50
0
8
16
24
32
G001
Normalized Frequency [
× fS]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.00
0.25
0.50
0.75
1.00
G002
PCM1807
SLES147 – SEPTEMBER 2005
Functional Block Diagram
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 512 fS, 24-bit data, unless
otherwise noted.
OVERALL CHARACTERISTICS
STOP-BAND ATTENUATION CHARACTERISTICS
Figure 1.
Figure 2.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com