Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1807 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1807
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1807 Datasheet HTML 1Page - Texas Instruments PCM1807 Datasheet HTML 2Page - Texas Instruments PCM1807 Datasheet HTML 3Page - Texas Instruments PCM1807 Datasheet HTML 4Page - Texas Instruments PCM1807 Datasheet HTML 5Page - Texas Instruments PCM1807 Datasheet HTML 6Page - Texas Instruments PCM1807 Datasheet HTML 7Page - Texas Instruments PCM1807 Datasheet HTML 8Page - Texas Instruments PCM1807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1807
SLES147 – SEPTEMBER 2005
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
•
DVD Recorder
•
24-Bit Delta-Sigma Stereo A/D Converter
•
Digital TV
•
Single-Ended Voltage Input: 3 Vp-p
•
AV Amplifier/Receiver
•
Oversampling Decimation Filter:
•
MD Player
– Oversampling Frequency:
×64
•
CD Recorder
– Pass-Band Ripple: ±0.05 dB
•
Multitrack Receiver
– Stop-Band Attenuation: –65 dB
•
Electric Musical Instrument
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
•
High Performance:
– THD+N: –93 dB (Typical)
The
PCM1807
is
high-performance,
low-cost,
– SNR: 99 dB (Typical)
single-chip stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1807
– Dynamic Range: 99 dB (Typical)
uses
a
delta-sigma
modulator
with
64-times
•
PCM Audio Interface With SPI Control:
oversampling and includes a digital decimation filter
– Master/Slave Mode Selectable
and high-pass filter that removes the dc component
of the input signal. For various applications, the
– Data Formats: 24-Bit Left-Justified, 24-Bit
PCM1807 supports master and slave mode and two
I2S
data formats in serial audio interface.
•
Multiple Functions with SPI Control:
The PCM1807 has many functions which are con-
– Power Down
trolled through SPI serial-control port: power down,
– Mute with Fade-Out and Fade-In
fade-in and fade-out, polarity control, etc.
– Polarity Control
The
PCM1807
is
suitable
for
wide
variety
of
•
Analog Antialias LPF Included
cost-sensitive consumer applications where good per-
•
Sampling Rate: 16–96 kHz
formance and operation with a 5-V analog supply and
3.3-V digital supply is required. The PCM1807 is
•
System Clock: 256 fS, 384 fS, 512 fS
fabricated using a highly advanced CMOS process
•
Dual Power Supplies:
and is available in a small, 14-pin TSSOP package.
– 5-V for Analog
– 3.3-V for Digital
•
Package: 14-Pin TSSOP
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1807

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
logo
Burr-Brown (TI)
PCM1807PW BURR-BROWN-PCM1807PW Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807PW TI1-PCM1807PW Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
PCM1807PWG4 TI1-PCM1807PWG4 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
More results

Similar Description - PCM1807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com