Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2906CDB.B Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM2906CDB.B
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906CDB.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM2906CDB.B Datasheet HTML 12Page - Texas Instruments PCM2906CDB.B Datasheet HTML 13Page - Texas Instruments PCM2906CDB.B Datasheet HTML 14Page - Texas Instruments PCM2906CDB.B Datasheet HTML 15Page - Texas Instruments PCM2906CDB.B Datasheet HTML 16Page - Texas Instruments PCM2906CDB.B Datasheet HTML 17Page - Texas Instruments PCM2906CDB.B Datasheet HTML 18Page - Texas Instruments PCM2906CDB.B Datasheet HTML 19Page - Texas Instruments PCM2906CDB.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
−50
−40
−30
−20
−10
0
0
8
16
24
32
Frequency [y fS]
G027
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
Frequency [y fS]
0.0
G028
−50
−40
−30
−20
−10
0
f – Frequency – kHz
1
100
1k
10k
10
G029
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
f – Frequency – kHz
0.01
1
10
100
0.1
0.0
G030
PCM2906C
SBFS037
– NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC ANALOG FIR FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.
STOP-BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 27.
Figure 28.
TYPICAL CHARACTERISTICS: DAC ANALOG LOW-PASS FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.
STOP-BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 29.
Figure 30.
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com