Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2906CDB.B Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM2906CDB.B
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906CDB.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM2906CDB.B Datasheet HTML 15Page - Texas Instruments PCM2906CDB.B Datasheet HTML 16Page - Texas Instruments PCM2906CDB.B Datasheet HTML 17Page - Texas Instruments PCM2906CDB.B Datasheet HTML 18Page - Texas Instruments PCM2906CDB.B Datasheet HTML 19Page - Texas Instruments PCM2906CDB.B Datasheet HTML 20Page - Texas Instruments PCM2906CDB.B Datasheet HTML 21Page - Texas Instruments PCM2906CDB.B Datasheet HTML 22Page - Texas Instruments PCM2906CDB.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
Interface #0
Interface #0 is the control interface. Alternative setting #0 is the only possible setting for interface #0. Alternative
setting #0 describes the standard audio control interface. The audio control interface consists of a single
terminal. The PCM2906C has the following five terminals:
•
Input terminal (IT #1) for isochronous-out stream
•
Output terminal (OT #2) for audio analog output
•
Feature unit (FU #3) for DAC digital attenuator
•
Input terminal (IT #4) for audio analog input
•
Output terminal (OT #5) for isochronous-in stream
Input terminal #1 is defined as a USB stream (terminal type 0x0101). Input terminal #1 can accept two-channel
audio streams consisting of left and right channels. Output terminal #2 is defined as a speaker (terminal type
0x0301). Input terminal #4 is defined as a line connector (terminal type 0x0603). Output terminal #5 is defined as
a USB stream (terminal type 0x0101). Output terminal #5 can generate two-channel audio streams composed of
left and right channel data. Feature unit #3 supports the following sound control features:
•
Volume control
•
Mute control
The built-in digital volume controller can be manipulated by an audio-class-specific request from 0 dB to
–64 dB
in 1-dB steps. Changes are made by incrementing or decrementing by one step (1 dB) for every 1/fS time interval
until the volume level has reached the requested value. Each channel can be set for different values. The master
volume control is not supported. A request to the master volume is stalled and ignored. The built-in digital mute
controller can be manipulated by audio-class-specific request. A master mute control request is acceptable. A
request to an individual channel is stalled and ignored.
Interface #1
Interface #1 is the audio streaming data-out interface. Interface #1 has the five alternative settings listed in
Table 5. Alternative setting #0 is the zero-bandwidth setting. All other alternative settings are operational settings.
Table 5. Interface #1 Alternative Settings
ALTERNATIVE
TRANSFER
SAMPLING RATE
SETTING
DATA FORMAT
MODE
(kHz)
00
Zero bandwidth
01
16-bit
Stereo
Twos complement (PCM)
Adaptive
32, 44.1, 48
02
16-bit
Mono
Twos complement (PCM)
Adaptive
32, 44.1, 48
03
8-bit
Stereo
Twos complement (PCM)
Adaptive
32, 44.1, 48
04
8-bit
Mono
Twos complement (PCM)
Adaptive
32, 44.1, 48
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM2906C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com