Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3002E/2K.B Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM3002E/2K.B Datasheet HTML 11Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 12Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 13Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 14Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 15Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 16Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 17Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 18Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTERS (DACs)
DIGITAL FILTER
−100
−80
−60
−40
−20
0
f − Frequency − Hz
75k
25k
50k
G030
0
175k
100k
125k
150k
−1.00
−0.80
−0.60
−0.40
−0.20
0.00
f − Frequency − Hz
5k
G031
0
20k
10k
15k
DE-EMPHASIS FILTER
−12
−10
−8
−6
−4
−2
0
f − Frequency − Hz
5k
G032
0
25k
10k
15k
20k
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
f − Frequency − Hz
3628
G033
0
14512
7256
10884
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
All specifications at T
A = 25°C, VCC = VDD = 3 V, fS = 44.1 kHz, and fSYSCLK = 384 fS, unless otherwise noted
OVERALL FREQUENCY CHARACTERISTICS
PASS-BAND RIPPLE CHARACTERISTICS
(fS = 44.1 kHz)
(fS = 44.1 kHz)
Figure 30.
Figure 31.
DE-EMPHASIS FREQUENCY RESPONSE (32 kHz)
DE-EMPHASIS ERROR (32 kHz)
Figure 32.
Figure 33.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com