Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3002E/2K.B Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM3002E/2K.B Datasheet HTML 19Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 20Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 21Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 22Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 23Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 24Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 25Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 26Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
www.ti.com
t(SCKH)
SYSCLK
0.3 VDD
0.7 VDD
t(SCKL)
1/256 fS,
1/384 fS,
or 1/512 fS
H
L
T0005-05
POWER-ON RESET
1024 System Clock Periods
Reset
Reset Removal
2.4 V
2.2 V
2.0 V
VDD
Internal Reset
System Clock
T0014-03
3 Clocks Minimum
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
Figure 44. System Clock Timing
System clock pulse duration, HIGH
t(SCKH)
12 ns (min)
System clock pulse duration, LOW
t(SCKL)
12 ns (min)
Both the PCM3002 and PCM3003 have internal power-on reset circuitry. Power-on reset occurs when the
system clock (SYSCLK) is active and VDD > 2.2 V. For the PCM3003, the SYSCLK must complete a minimum of
three complete cycles prior to VDD > 2.2 V to ensure proper reset operation. The initialization sequence requires
1024 SYSCLK cycles for completion, as shown in Figure 45. Figure 46 shows the state of the DAC and ADC
outputs during and after the reset sequence.
Figure 45. Internal Power-On Reset Timing
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com