Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST67W611M1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST67W611M1
Description  Low-power Wi-Fi 6 - Bluetooth® LE combo coprocessor module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST67W611M1 Datasheet(HTML) 2 Page - STMicroelectronics

  ST67W611M1 Datasheet HTML 1Page - STMicroelectronics ST67W611M1 Datasheet HTML 2Page - STMicroelectronics ST67W611M1 Datasheet HTML 3Page - STMicroelectronics ST67W611M1 Datasheet HTML 4Page - STMicroelectronics ST67W611M1 Datasheet HTML 5Page - STMicroelectronics ST67W611M1 Datasheet HTML 6Page - STMicroelectronics ST67W611M1 Datasheet HTML 7Page - STMicroelectronics ST67W611M1 Datasheet HTML 8Page - STMicroelectronics ST67W611M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
•
Security system encryption engine
•
Secure services: Secure boot and OTA (over-the-air)
Voltage
•
Input voltage: 2.97 V ~ 3.63 V
•
I/O voltage: 1.8 V/3.3 V
Environmental specifications
•
Temperature:
–
Operating: -40°C ~ +85°C
–
Storage: -40°C ~ +125°C
•
Humidity:
–
Relative: < 90% noncondensing
–
Storage: < 90% noncondensing
1. This feature is not yet available.
All packages are ECOPACK2 compliant.
ST67W611M1
DB5452 - Rev 3
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com