Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST67W611M1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST67W611M1
Description  Low-power Wi-Fi 6 - Bluetooth® LE combo coprocessor module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST67W611M1 Datasheet(HTML) 4 Page - STMicroelectronics

  ST67W611M1 Datasheet HTML 1Page - STMicroelectronics ST67W611M1 Datasheet HTML 2Page - STMicroelectronics ST67W611M1 Datasheet HTML 3Page - STMicroelectronics ST67W611M1 Datasheet HTML 4Page - STMicroelectronics ST67W611M1 Datasheet HTML 5Page - STMicroelectronics ST67W611M1 Datasheet HTML 6Page - STMicroelectronics ST67W611M1 Datasheet HTML 7Page - STMicroelectronics ST67W611M1 Datasheet HTML 8Page - STMicroelectronics ST67W611M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2
Description
Powered by Qualcomm high
‑performance 1 × 1 2.4 GHz Wi‑Fi 6 and Bluetooth 5.4 QCC743 microcontroller, the
STMicroelectronics ST67W611M1 LGA module is purposely designed to pack processing capabilities, Wi
‑Fi and
Bluetooth combo connectivity, and on
‑module memory into a single 32‑pin LGA form factor.
This all
‑in-one design and capability contribute to reduced costs and enhanced performance, making it an
attractive choice for IoT edge devices requiring a single
‑chip solution.
ST67W611M1 operates as an IoT connectivity transceiver, with an external STM32 host MCU running all upper
protocol stacks and applications.
ST67W611M1 integrates:
•
A PCB antenna (version -B), a RF connector (version-U) for external antenna, or version with a dedicated
RF pin typically for support of multi-antenna implementations with external RF switch
•
4 MB NOR flash
•
40 MHz high-precision quartz for optimal RF performance
•
SMPS functionality and associated bill of material (BOM)
•
All needed discrete components to reduce the overall board BOM
In addition, the P variant supports:
•
External PA/LNA to increase power up to 30 dBm
•
Rx antenna diversity to increase the reach of your final product
Table 1. ST67W611M1 features
Feature
Capability
Security system
Secure services (boot and OTA)
Standard
802.11b/g/n/ax
Bluetooth® LE 5.4
IEEE 802.15.4 (Thread)(1)
Wi-Fi
Maximum Tx power: 21 dBm
Tx power (HE40 and MCS9): 16 dBm
Rx sensitivity (HE40 and MCS9): -67 dBm
Bluetooth® LE
Maximum Tx power
Bluetooth® LE (2 Mbps): +10 dBm
Bluetooth® LE (1 Mbps): +10 dBm
Rx sensitivity
Bluetooth® LE (2 Mbps): -96.5 dBm
Bluetooth® LE (1 Mbps): -99 dBm
Peripherals
SPI
UART
Voltage
Input voltage: 2.97 V ~ 3.63 V
I/O voltage: 1.8 V/3.3 V
Environmental
Temperature
Operating: -40°C ~ +85°C
Storage: -40°C ~ +125°C
Humidity
Relative: < 90% noncondensing
Storage: < 90% noncondensing
1. This feature is not yet available
ST67W611M1
Description
DB5452 - Rev 3
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com