Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3222EC/D Datasheet(PDF) 16 Page - Analog Devices

Part # MAX3222EC/D
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX3222EC/D Datasheet(HTML) 16 Page - Analog Devices

Back Button MAX3222EC/D Datasheet HTML 12Page - Analog Devices MAX3222EC/D Datasheet HTML 13Page - Analog Devices MAX3222EC/D Datasheet HTML 14Page - Analog Devices MAX3222EC/D Datasheet HTML 15Page - Analog Devices MAX3222EC/D Datasheet HTML 16Page - Analog Devices MAX3222EC/D Datasheet HTML 17Page - Analog Devices MAX3222EC/D Datasheet HTML 18Page - Analog Devices MAX3222EC/D Datasheet HTML 19Page - Analog Devices MAX3222EC/D Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
__________________________________________________________Pin Configurations
20
19
18
17
16
15
14
13
1
2
3
8
12
11
10
4
5
6
7
SHDN
VCC
GND
T1OUT
C1-
V+
C1+
EN
R1IN
R1OUT
T1IN
T2IN
T2OUT
V-
C2-
C2+
9
R2IN
R2OUT
TSSOP/SSOP
N.C.
N.C.
MAX3222E
20
19
18
17
16
15
14
13
1
2
3
8
12
11
10
4
5
6
7
N.C.
VCC
GND
T1OUT
C1-
V+
C1+
N.C.
R1IN
R1OUT
T2IN
R2OUT
T2OUT
V-
C2-
C2+
9
R2IN
N.C.
TSSOP
T1IN
N.C.
MAX3232E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
GND
T1OUT
R1IN
C2+
C1-
V+
C1+
MAX3232E
R1OUT
T1IN
T2IN
R2OUT
R2IN
T2OUT
V-
C2-
SO/DIP/SSOP/TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C1+
V+
VCC
GND
C1-
EN
R5OUT
SHDN
R1OUTB
R2OUTB
R1OUT
R2OUT
R3OUT
R4OUT
T1IN
T2IN
T3IN
T3OUT
T2OUT
T1OUT
R5IN
R4IN
R3IN
R2IN
R1IN
V-
C2-
C2+
SSOP/SO/TSSOP
TQFN
MAX3241E
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C1+
V+
VCC
C1-
T1IN
T2IN
MBAUD
T3IN
R1OUT
R2OUT
T4IN
R3OUT
T5IN
R1OUTB
SHDN
EN
T5OUT
R3IN
T4OUT
R2IN
R1IN
T3OUT
T2OUT
T1OUT
V-
C2-
GND
C2+
SSOP
MAX3237E
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
SHDN
VCC
GND
T1OUT
C1-
V+
C1+
EN
R1IN
R1OUT
T1IN
T2IN
T2OUT
V-
C2-
C2+
10
9
R2OUT
R2IN
SO/DIP
MAX3222E
17
18
19
20
21
22
23
R2OUT
R1OUT
R2OUTB
R1OUTB
SHDN
EN
C1-
8
7
6
5
4
3
2
T3OUT
*EP
*CONNECT EP TO GND.
T2OUT
T1OUT
R5IN
R4IN
R3IN
R2IN
MAX3241E
1
R1IN
24
GND
TOP VIEW
+
+
+
+
++
+
16
Maxim Integrated
MAX3222E/MAX3232E/MAX3237E/
MAX3241E/MAX3246E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com