Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3222EC/D Datasheet(PDF) 21 Page - Analog Devices

Part # MAX3222EC/D
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX3222EC/D Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX3222EC/D Datasheet HTML 14Page - Analog Devices MAX3222EC/D Datasheet HTML 15Page - Analog Devices MAX3222EC/D Datasheet HTML 16Page - Analog Devices MAX3222EC/D Datasheet HTML 17Page - Analog Devices MAX3222EC/D Datasheet HTML 18Page - Analog Devices MAX3222EC/D Datasheet HTML 19Page - Analog Devices MAX3222EC/D Datasheet HTML 20Page - Analog Devices MAX3222EC/D Datasheet HTML 21Page - Analog Devices MAX3222EC/D Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
Selector Guide
PART
NO. OF
DRIVERS/
RECEIVERS
LOW-POWER
SHUTDOWN
GUARANTEED
DATA RATE
(bps)
MAX3222E
2/2
✔
250k
MAX3232E
2/2
—
250k
MAX3237E
(Normal)
5/3
✔
250k
MAX3237E
(MegaBaud)
5/3
✔
1M
MAX3241E
3/5
✔
250k
MAX3246E
3/5
✔
250k
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX3232ECTE+
0°C to +70°C
16 TQFN-EP**
(5mm x 5mm)
MAX3232ECUE+
0°C to +70°C
16 TSSOP
MAX3232ECUP+
0°C to +70°C
20 TSSOP
MAX3232EEAE+
-40°C to +85°C
16 SSOP
MAX3232EEWE+
-40°C to +85°C
16 Wide SO
MAX3232EEPE+
-40°C to +85°C
16 Plastic DIP
MAX3232EETE+
-40°C to +85°C
16 TQFN-EP**
(5mm x 5mm)
MAX3232EEUE+
-40°C to +85°C
16 TSSOP
MAX3232EEUP+
-40°C to +85°C
20 TSSOP
MAX3237ECAI+
0°C to +70°C
28 SSOP
MAX3237EEAI+
-40°C to +85°C
28 SSOP
MAX3241ECAI+
0°C to +70°C
28 SSOP
MAX3241ECWI+
0°C to +70°C
28 Wide SO
MAX3241ECUI+
0°C to +70°C
28 TSSOP
MAX3241ECTJ+
0°C to +70°C
32 TQFN-EP**
(7mm x 7mm)
MAX3241EEAI+
-40°C to +85°C
28 SSOP
MAX3241EEWI+
-40°C to +85°C
28 Wide SO
MAX3241EEUI+
-40°C to +85°C
28 TSSOP
MAX3246ECBX-T+
0°C to +70°C
6 x 6 UCSP
†
MAX3246EEBX-T+
-40°C to +85°C
6 x 6 UCSP
†
+
Denotes a lead(Pb)-free/RoHS-compliant package.
†Requires solder temperature profile described in the Absolute
Maximum Ratings section. UCSP Reliability is integrally linked
to the user’s assembly methods, circuit board material, and
environment. Refer to the UCSP Reliability Notice in the UCSP
Reliability section of this datasheet for more information.
**EP = Exposed pad.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
20 TQFN
T2055+5
20-0140
90-0010
20 TSSOP
H20+2
21-0066
90-0116
20 SSOP
A20+1
21-0056
90-0094
18 Wide SO
W18+1
21-0042
90-0181
18 PDIP
P18+5
21-0043
—
16 SSOP
A16+2
21-0056
90-0106
16 Wide SO
W16+3
21-0042
90-0107
16 PDIP
P16+1
21-0043
—
16 TQFN
T1655+2
21-0140
90-0072
16 TSSOP
U16+1
21-0066
90-0117
28 SSOP
A28+1
21-0056
90-0095
28 Wide SO
W28+6
21-0042
90-0109
28 TSSOP
U28+2
21-0066
90-0171
32 TQFN
T3277+2
21-0144
90-0125
6x6 HCSP
B36+3
21-0082
Refer to
Application
Note 1891
Chip Information
PROCESS: BICMOS
Maxim Integrated
21
MAX3222E/MAX3232E/MAX3237E/
MAX3241E/MAX3246E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com