Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM53C96KCW Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 14Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 15Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 16Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 17Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 18Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 19Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 20Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 21Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
P R E L I M I N A R Y
AMD
18
Am53C94/Am53C96
CMDREG – Bit 7 – DMA – Direct Memory Access
The DMA bit when set notifies the device that the com-
mand is a DMA instruction, when reset it is a non-DMA
instruction. For DMA instructions the Current Transfer
Count Register (CTCREG) will be loaded with the con-
tents of the Start Transfer Count Register (STCREG).
The data is then transferred and the CTCREG is decre-
mented for each byte until it reaches zero.
CMDREG – Bits 6:0 – CMD 6:0 – Command 6:0
These command bits decode the commands that the
device needs to perform. There are a total of 29
commands grouped into four categories. The groups
are Initiator Commands, Target Commands, Selection/
Reselection Commands and General Purpose Com-
mands.
Initiator Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
0
010000
Information Transfer
0
0100
0
1
Initiator Command Complete Steps
0
010010
Message Accepted
0
011000
Transfer Pad Bytes
0
011010
Set ATN
0
011011
Reset ATN
Target Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
0
100000
Send Message
0
100001
Send Status
0
100010
Send Data
0
100011
Disconnect Steps
0
100100
Terminate Steps
0
100101
Target Command Complete Steps
0
100111
Disconnect
0
101000
Receive Message Steps
0
101001
Receive Command
0
101010
Receive Data
0
101011
Receive Command Steps
0
000100
DMA Stop
Idle Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
1
000000
Reselect Steps
1
0000
0
1
Select without ATN Steps
1
000010
Select with ATN Steps
1
000011
Select with ATN and Stop Steps
1
000100
Enable Selection/Reselection
1
000101
Disable Selection/Reselection
1
000110
Select with ATN3 Steps
General Commands
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Command
0
000000
No Operation
0
0000
0
1
Clear FIFO
0
000010
Reset Device
0
000011
Reset SCSI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com