Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM53C96KCW Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 19Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 20Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 21Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 22Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 23Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 24Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 25Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 26Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
P R E L I M I N A R Y
AMD
23
Am53C94/Am53C96
Initiator Select without ATN Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed or disconnected or selection time–out
4
18
Selection with ATN steps fully executed
3
18
Sequence halted during command transfer due to premature phase change
(target)
2
18
Arbitration and selection completed; sequence halted because target failed to
assert command phase
Initiator Select with ATN Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
4
18
Selection with ATN steps fully executed
3
18
Sequence halted during command transfer due to premature phase change;
some CDB bytes may not have been sent; check FIFO flags
2
18
Message out completed; sent one message byte with ATN true, then released
ATN; sequence halted because target failed to assert command phase after
message byte was sent
0
18
Arbitration and selection completed; sequence halted because target did not
assert message out phase; ATN still driven by HPSC
Initiator Select with ATN3 Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed or disconnected or selection time–out
4
18
Selection with ATN3 steps fully executed
3
18
Sequence halted during command transfer due to premature phase change;
some CDB bytes may not have been sent; check FIFO flags
2
18
One, two, or three message bytes sent; sequence halted because target failed
to assert command phase after third message byte, or prematurely released
message out phase; ATN released only if third message byte was sent
0
18
Arbitration and selection completed; sequence halted because target failed to
assert message out phase; ATN still driven by HPSC
Initiator Select with ATN and Stop Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed or disconnected or selection time–out
0
18
Arbitration and selection completed; sequence halted because target failed to
assert message out phase; ATN still asserted by HPSC
1
18
Message out completed; one message byte sent; ATN on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com