Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12LF1552 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC12LF1552
Description  28/40/44-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1552 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC12LF1552 Datasheet HTML 35Page - Microchip Technology PIC12LF1552 Datasheet HTML 36Page - Microchip Technology PIC12LF1552 Datasheet HTML 37Page - Microchip Technology PIC12LF1552 Datasheet HTML 38Page - Microchip Technology PIC12LF1552 Datasheet HTML 39Page - Microchip Technology PIC12LF1552 Datasheet HTML 40Page - Microchip Technology PIC12LF1552 Datasheet HTML 41Page - Microchip Technology PIC12LF1552 Datasheet HTML 42Page - Microchip Technology PIC12LF1552 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 356 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001817B-page 39
PIC16LF1566/1567
Bank 5
280h
INDF0(1)
Addressing this location uses contents of FSR0H/FSR0L to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
281h
INDF1(1)
Addressing this location uses contents of FSR1H/FSR1L to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
282h
PCL(1)
Program Counter (PC) Least Significant Byte
0000 0000
0000 0000
283h
STATUS(1)
—
—
—TO
PD
ZDC
C
---1 1000
---q quuu
284h
FSR0L(1)
Indirect Data Memory Address 0 Low Pointer
0000 0000
uuuu uuuu
285h
FSR0H(1)
Indirect Data Memory Address 0 High Pointer
0000 0000
0000 0000
286h
FSR1L(1)
Indirect Data Memory Address 1 Low Pointer
0000 0000
uuuu uuuu
287h
FSR1H(1)
Indirect Data Memory Address 1 High Pointer
0000 0000
0000 0000
288h
BSR(1)
—
—
—
BSR<4:0>
---0 0000
---0 0000
289h
WREG(1)
Working Register
0000 0000
uuuu uuuu
28Ah
PCLATH(1)
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000
-000 0000
28Bh
INTCON(1)
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 0000
0000 0000
28Ch
—
Unimplemented
—
—
28Dh
—
Unimplemented
—
—
28Eh
—
Unimplemented
—
—
28Fh
—
Unimplemented
—
—
290h
—
Unimplemented
—
—
291h
—
Unimplemented
—
—
292h
—
Unimplemented
—
—
293h
—
Unimplemented
—
—
294h
—
Unimplemented
—
—
295h
—
Unimplemented
—
—
296h
—
Unimplemented
—
—
297h
—
Unimplemented
—
—
298h
—
Unimplemented
—
—
299h
—
Unimplemented
—
—
29Ah
—
Unimplemented
—
—
29Bh
—
Unimplemented
—
—
29Ch
—
Unimplemented
—
—
29Dh
—
Unimplemented
—
—
29Eh
—
Unimplemented
—
—
29Fh
—
Unimplemented
—
—
TABLE 3-11:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q = depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
These registers can be accessed from any bank.
2:
PIC16LF1567.
3:
These registers/bits are available at two address locations, in Bank 1 and Bank 14.
4:
PIC16LF1566 only.
5:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com