Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12LF1552 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC12LF1552
Description  28/40/44-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1552 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC12LF1552 Datasheet HTML 45Page - Microchip Technology PIC12LF1552 Datasheet HTML 46Page - Microchip Technology PIC12LF1552 Datasheet HTML 47Page - Microchip Technology PIC12LF1552 Datasheet HTML 48Page - Microchip Technology PIC12LF1552 Datasheet HTML 49Page - Microchip Technology PIC12LF1552 Datasheet HTML 50Page - Microchip Technology PIC12LF1552 Datasheet HTML 51Page - Microchip Technology PIC12LF1552 Datasheet HTML 52Page - Microchip Technology PIC12LF1552 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 356 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001817B-page 49
PIC16LF1566/1567
Bank 31
F80h
INDF0(1)
Addressing this location uses contents of FSR0H/FSR0L to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
F81h
INDF1(1)
Addressing this location uses contents of FSR1H/FSR1L to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
F82h
PCL(1)
Program Counter (PC) Least Significant Byte
0000 0000
0000 0000
F83h
STATUS(1)
—
—
—TO
PD
ZDC
C
---1 1000
---q quuu
F84h
FSR0L(1)
Indirect Data Memory Address 0 Low Pointer
0000 0000
uuuu uuuu
F85h
FSR0H(1)
Indirect Data Memory Address 0 High Pointer
0000 0000
0000 0000
F86h
FSR1L(1)
Indirect Data Memory Address 1 Low Pointer
0000 0000
uuuu uuuu
F87h
FSR1H(1)
Indirect Data Memory Address 1 High Pointer
0000 0000
0000 0000
F88h
BSR(1)
—
—
—
BSR<4:0>
---0 0000
---0 0000
F89h
WREG(1)
Working Register
0000 0000
uuuu uuuu
F8Ah
PCLATH(1)
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000
-000 0000
F8Bh
INTCON(1)
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 0000
0000 0000
F8Ch
ICDIO
PORT_
ICDDAT
PORT_
ICDCLK
LAT_
ICDDAT
LAT_
ICDCLK
TRIS_
ICDDAT
TRIS_
ICDCLK
—
—
xxxxxx--
F8Dh
ICDCON0
INBUG
FREEZ
SSTEP
—DBGINEX
—
—
RSTVEC
xxx-x--x
F8Eh
to
F90h
—
Unimplemented
—
—
F91h
ICDSTAT
TRP1HLTF
TRP0HLTF
—
—
—
—
USRHLTF
—
xx----x-
F92h
to
F95h
—
Unimplemented
—
—
F96h
ICDINSTL
DBGIN7
DBGIN6
DBGIN5
DBGIN4
DBGIN3
DBGIN2
DBGIN1
DBGIN0
xxxxxxxx
F97h
ICDINSTH
—
—
DBGIN13
DBGIN12
DBGIN11
DBGIN10
DBGIN9
DBGIN8
--xxxxxx
F98h
to
F9Bh
—
Unimplemented
—
—
F9Ch
ICDBK0CON
BKEN
—
—
—
—
—
—
BKHLT
x------x
F9Dh
ICDBK0L
BKA7
BKA6
BKA5
BKA4
BKA3
BKA2
BKA1
BKA0
xxxxxxxx
F9Eh
ICDBK0H
—
BKA14
BKA13
BKA12
BKA11
BKA10
BKA9
BKA8
-xxxxxxx
F9Fh
—
Unimplemented
—
—
FA0h
to
FBFh
—
Unimplemented
—
—
FC0h
to
FCFh
—
Unimplemented
—
—
FD0h
to
FE2h
—
Unimplemented
—
—
FE3h
BSRICDSHAD
—
—
—
BSR_ICDSHAD
---xxxxx
—
FE4h
STATUS_-
SHAD
—
—
—
—
—
Z_SHAD
DC_SHAD
C_SHAD
---- -xxx
---- -uuu
FE5h
WREG_SHAD
WREG_SHAD
xxxx xxxx
uuuu uuuu
FE6h
BSR_SHAD
—
—
—
BSR_SHAD
---x xxxx
---u uuuu
FE7h
PCLATH_-
SHAD
—
PCLATH_SHAD
-xxx xxxx
uuuu uuuu
FE8h
FSR0L_SHAD
FSR0L_SHAD
xxxx xxxx
uuuu uuuu
FE9h
FSR0H_SHAD
FSR0H_SHAD
xxxx xxxx
uuuu uuuu
FEAh
FSR1L_SHAD
FSR1L_SHAD
xxxx xxxx
uuuu uuuu
FEBh
FSR1H_SHAD
FSR1H_SHAD
xxxx xxxx
uuuu uuuu
TABLE 3-11:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
Legend:
x
= unknown, u = unchanged, q = depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
These registers can be accessed from any bank.
2:
PIC16LF1567.
3:
These registers/bits are available at two address locations, in Bank 1 and Bank 14.
4:
PIC16LF1566 only.
5:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com