Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2F001501D00ESSD Datasheet(PDF) 8 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F001501D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F001501D00ESSD Datasheet(HTML) 8 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F001501D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
125
D
A WIMA part number consists of 18 digits and is composed as follows:
Field 1 - 4: Type description
Field 5 - 6: Rated voltage
Field 7 - 10: Capacitance
Field 11 - 12: Size and PCM
Field 13 - 14: Special features (e.g. Snubber versions)
Field 15:
Capacitance tolerance
Field 16:
Packing
Field 17 - 18: Lead length (untaped)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
M
K
S
2
C
0
2
1
0
0
1
A
0
0
M
S
S
D
MKS 2
63 VDC
0.01 mF
2.5 x 6.5 x 7.2
-
20 %
bulk
6 -2
WIMA Part Number System
The data on this page is not complete and serves only to explain the part number system. Part number information is listed on the
pages of the respective WIMA range.
Type description:
Rated voltage:
Capacitance:
Size:
Tolerance:
SMD-PET
= SMDT
2.5 VDC
= A1
22 pF
= 0022
4.8 x 3.3 x 3 Size 1812 = X1
20 %
= M
SMD-PPS
= SMDI
4 VDC
= A2
47 pF
= 0047
4.8 x 3.3 x 4 Size 1812 = X2
10 %
= K
FKP 02
= FKP0
14 VDC
= A3
100 pF = 0100
5.7 x 5.1 x 3.5 Size 2220 = Y1
5 %
= J
MKS 02
= MKS0
28 VDC
= A4
150 pF = 0150
5.7 x 5.1 x 4.5 Size 2220 = Y2
2.5 %
= H
FKS 2
= FKS2
40 VDC
= A5
220 pF = 0220
7.2 x 6.1 x 3 Size 2824 = T1
1 %
= E
FKP 2
= FKP2
5 VDC
= A6
330 pF = 0330
7.2 x 6.1 x 5 Size 2824 = T2
...
MKS 2
= MKS2
50 VDC
= B0
470 pF = 0470
10.2 x 7.6 x 5 Size 4030 = K1
MKP 2
= MKP2
63 VDC
= C0
680 pF = 0680
12.7 x 10.2 x 6 Size 5040 = V1
FKS 3
= FKS3
100 VDC = D0
1000 pF = 1100
15.3 x 13.7 x 7 Size 6054 = Q1
Packing:
FKP 3
= FKP3
160 VDC = E0
1500 pF = 1150
2.5 x 7 x 4.6 PCM 2.5
= 0B
AMMO H16.5 340 x 340 = A
MKS 4
= MKS4
250 VDC = F0
2200 pF = 1220
3 x 7.5 x 4.6 PCM 2.5
= 0C
AMMO H16.5 490 x 370 = B
MKP 4
= MKP4
400 VDC = G0
3300 pF = 1330
2.5 x 6.5 x 7.2 PCM 5
= 1A
AMMO H18.5 340 x 340 = C
MKP 10
= MKP1
450 VDC = H0
4700 pF = 1470
3 x 7.5 x 7.2 PCM 5
= 1B
AMMO H18.5 490 x 370 = D
FKP 4
= FKP4
600 VDC = I0
6800 pF = 1680
2.5 x 7 x 10 PCM 7.5
= 2A
REEL H16.5 360
= F
FKP 1
= FKP1
630 VDC = J0
0.01 mF = 2100
3 x 8.5 x 10 PCM 7.5
= 2B
REEL H16.5 500
= H
MKP-X2
= MKX2
700 VDC = K0
0.022 mF = 2220
3 x 9 x 13 PCM 10
= 3A
REEL H18.5 360
= I
MKP-X2 R
= MKXR
800 VDC = L0
0.047 mF = 2470
4 x 9 x 13 PCM 10
= 3C
REEL H18.5 500
= J
MKP-Y2
= MKY2
850 VDC = M0
0.1 mF
= 3100
5 x 11 x 18 PCM 15
= 4B
ROLL H16.5
= N
MP 3-X2
= MPX2
900 VDC = N0
0.22 mF = 3220
6 x 12.5 x 18 PCM 15
= 4C
ROLL H18.5
= O
MP 3-X1
= MPX1
1000 VDC = O1
0.47 mF = 3470
5 x 14 x 26.5 PCM 22.5 = 5A
BLISTER W12 180
= P
MP 3-Y2
= MPY2
1100 VDC = P0
1 mF
= 4100
6 x 15 x 26.5 PCM 22.5 = 5B
BLISTER W12 330
= Q
MP 3R-Y2
= MPRY
1200 VDC = Q0
2.2 mF
= 4220
9 x 19 x 31.5 PCM 27.5 = 6A
BLISTER W16 330
= R
Snubber MKP
= SNMP
1250 VDC = R0
4.7 mF
= 4470
11 x21 x 31.5 PCM 27.5 = 6B
BLISTER W24 330
= T
Snubber FKP
= SNFP
1500 VDC = S0
10 mF
= 5100
9 x 19 x 41.5 PCM 37.5 = 7A
Bulk Mini
= M
GTO MKP
= GTOM 1600 VDC = T0
22 mF
= 5220
11 x 22 x 41.5 PCM 37.5 = 7B
Bulk Standard
= S
DC-LINK MKP 4 = DCP4
2000 VDC = U0
47 mF
= 5470
94 x 49 x 182 DCH_
= H0
Bulk Maxi
= G
DC-LINK MKP C = DCPC
2500 VDC = V0
100 mF = 6100
94 x 77 x 182 DCH_
= H1
TPS Mini
= X
DC-LINK HC
= DCH_
3000 VDC = W0
220 mF = 6220
...
TPS Standard
= Y
SuperCap C
= SCSC
4000 VDC = X0
1 F
= A010
...
SuperCap MC = SCMC 6000 VDC = Y0
2.5 F
= A025
SuperCap R
= SCSR
250 VAC = 0W
50 F
= A500
Special features:
SuperCap MR
= SCMR
275 VAC = 1W
100 F
= B100
Standard
= 00
Lead length (untaped)
300 VAC = 2W
110 F
= B110
Version A1
= 1A
3.5 ±0.5 = C9
400 VAC = 3W
600 F
= B600
Version A1.1.1 = 1B
6 -2
= SD
440 VAC = 4W
1200 F
= C120
Version A1.2 = 1C
16 ±1
= P1
500 VAC = 5W
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com