Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2F001501D00ESSD Datasheet(PDF) 6 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F001501D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F001501D00ESSD Datasheet(HTML) 6 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F001501D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
129
D
Rights reserved to amend design data without prior notification.
Moulded versions.
* Tray-Packing-System
Samples and pre-production needs on request.
Packing Quantities for Bulk Capacitors and TPS*
PCM
Size
pcs. per packaging unit bulk
pcs. per packaging unit/TPS*
Mini
Standard
Maxi
Mini
Standard
W
H
L
Codes
M
S
G
X
Y
2.5 mm
2.5
7
4.6
0B
1000
5000
10 000
–
–
3
7.5
4.6
0C
1000
5000
10 000
–
–
3.8
8.5
4.6
0D
1000
5000
10 000
–
–
4.6
9
4.6
0E
1000
5000
10 000
–
–
5.5
10
4.6
0F
1000
5000
10 000
–
–
5 mm
2.5
6.5
7.2
1A
2000
5000
10 000
–
–
3
7.5
7.2
1B
1000
5000
–
–
–
3.5
8.5
7.2
1C
1000
5000
–
–
–
4.5
6
7.2
1D
1000
6000
–
–
–
4.5
9.5
7.2
1E
1000
4000
–
–
–
5
10
7.2
1F
1000
3500
–
–
–
5.5
7
7.2
1G
1000
4000
–
–
–
5.5
11.5
7.2
1H
500
2500
–
–
–
6.5
8
7.2
1I
1000
2500
–
–
–
7.2
8.5
7.2
1J
500
2500
–
–
–
7.2
13
7.2
1K
500
2000
–
–
–
8.5
10
7.2
1L
500
2000
–
–
–
8.5
14
7.2
1M
500
1500
–
–
–
11
16
7.2
1N
250
1000
–
–
–
7.5 mm
2.5
7
10
2A
1000
5000
–
–
–
3
8.5
10
2B
1000
5000
–
–
–
4
9
10
2C
1000
4000
–
–
–
4.5
9.5
10.3
2D
1000
3500
–
–
–
5
10.5
10.3
2E
1000
3000
–
–
–
5.7
12.5
10.3
2F
500
2000
–
–
–
7.2
12.5
10.3
2G
500
1500
–
–
–
10 mm
3
9
13
3A
1000
3000
–
–
–
4
8.5
13.5
FA
500
3000
–
–
–
4
9
13
3C
1000
3000
–
–
–
4
9.5
13
3D
1000
3000
–
–
–
5
10
13.5
FB
500
2000
–
–
–
5
11
13
3F
1000
3000
–
–
–
6
12
13
3G
800
2400
–
–
–
6
12.5
13
3H
800
2400
–
–
–
8
12
13
3I
500
2000
–
–
–
15 mm
5
11
18
4B
800
2400
–
–
–
5
13
19
FC
200
1000
–
–
6
12.5
18
4C
500
2000
–
–
–
6
14
19
FD
250
1000
–
–
7
14
18
4D
400
1600
–
–
–
7
15
19
FE
250
1000
–
–
8
15
18
4F
400
1200
–
–
–
8
17
19
FF
100
500
–
–
9
14
18
4H
400
1200
–
–
–
9
16
18
4J
300
900
–
–
–
10
18
19
FG
100
500
–
–
–
11
14
18
4M
300
1000
–
–
–
22.5 mm
5
14
26.5
5A
300
1200
–
–
–
6
15
26.5
5B
250
1000
–
–
–
7
16.5
26.5
5D
190
760
–
–
–
8
20
28
FH
125
500
–
–
–
8.5
18.5
26.5
5F
125
500
–
–
–
10
22
28
FI
–
–
–
90
540
10.5
19
26.5
5G
–
–
–
170
680
10.5
20.5
26.5
5H
–
–
–
170
680
11
21
26.5
5I
–
–
–
170
680
12
24
28
FJ
–
–
–
75
450
27.5 mm
9
19
31.5
6A
–
–
–
160
640
11
21
31.5
6B
–
–
–
136
544
13
24
31.5
6D
–
–
–
112
448
13
25
33
FK
–
–
–
56
336
15
26
31.5
6F
–
–
–
96
384
15
26
33
FL
–
–
–
48
288
17
29
31.5
6G
–
–
–
88
176
17
34.5
31.5
6I
–
–
–
88
176
20
32
33
FM
–
–
–
36
216
20
39.5
31.5
6J
–
–
–
36
144
37.5 mm
9
19
41.5
7A
–
–
–
60
480
11
22
41.5
7B
–
–
–
51
408
13
24
41.5
7C
–
–
–
84
252
15
26
41.5
7D
–
–
–
72
144
17
29
41.5
7E
–
–
–
66
132
19
32
41.5
7F
–
–
–
54
108
20
39.5
41.5
7G
–
–
–
27
108
24
45.5
41.5
7H
–
–
–
21
84



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com