Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2F006801D00ESSD Datasheet(PDF) 2 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F006801D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F006801D00ESSD Datasheet(HTML) 2 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F006801D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
31
Continuation
General Data
WIMA FKP 4
D
Capacitance
63 VDC/40 VAC*
100 VDC/63 VAC*
W
H
L
PCM**
Part number
W
H
L
PCM**
Part number
100 pF
4.5
6
7.2
5
FKP2C001001D00_ _ _ _
4.5
6
7.2
5
FKP2D001001D00_ _ _ _
150 „
4.5
6
7.2
5
FKP2C001501D00_ _ _ _
4.5
6
7.2
5
FKP2D001501D00_ _ _ _
220 „
4.5
6
7.2
5
FKP2C002201D00_ _ _ _
4.5
6
7.2
5
FKP2D002201D00_ _ _ _
330 „
4.5
6
7.2
5
FKP2C003301D00_ _ _ _
4.5
6
7.2
5
FKP2D003301D00_ _ _ _
470 „
4.5
6
7.2
5
FKP2C004701D00_ _ _ _
4.5
6
7.2
5
FKP2D004701D00_ _ _ _
680 „
4.5
6
7.2
5
FKP2C006801D00_ _ _ _
4.5
6
7.2
5
FKP2D006801D00_ _ _ _
1000 pF
4.5
6
7.2
5
FKP2C011001D00_ _ _ _
4.5
6
7.2
5
FKP2D011001D00_ _ _ _
1500 „
4.5
6
7.2
5
FKP2C011501D00_ _ _ _
4.5
6
7.2
5
FKP2D011501D00_ _ _ _
2200 „
4.5
6
7.2
5
FKP2C012201D00_ _ _ _
4.5
6
7.2
5
FKP2D012201D00_ _ _ _
3300 „
4.5
6
7.2
5
FKP2C013301D00_ _ _ _
5.5
7
7.2
5
FKP2D013301G00_ _ _ _
4700 „
4.5
6
7.2
5
FKP2C014701D00_ _ _ _
5.5
7
7.2
5
FKP2D014701G00_ _ _ _
6800 „
4.5
6
7.2
5
FKP2C016801D00_ _ _ _
5.5
7
7.2
5
FKP2D016801G00_ _ _ _
0.01 mF
5.5
7
7.2
5
FKP2C021001G00_ _ _ _
6.5
8
7.2
5
FKP2D021001I00_ _ _ _
0.015 „
6.5
8
7.2
5
FKP2C021501I00_ _ _ _
7.2
8.5
7.2
5
FKP2D021501J00_ _ _ _
0.022 „
7.2
8.5
7.2
5
FKP2C022201J00_ _ _ _
8.5
10
7.2
5
FKP2D022201L00_ _ _ _
0.033 „
8.5
10
7.2
5
FKP2C023301L00_ _ _ _
Capacitance
250 VDC/160 VAC*
400 VDC/220 VAC*
W
H
L
PCM**
Part number
W
H
L
PCM**
Part number
100 pF
4.5
6
7.2
5
FKP2F001001D00_ _ _ _
4.5
6
7.2
5
FKP2G001001D00_ _ _ _
150 „
4.5
6
7.2
5
FKP2F001501D00_ _ _ _
4.5
6
7.2
5
FKP2G001501D00_ _ _ _
220 „
4.5
6
7.2
5
FKP2F002201D00_ _ _ _
4.5
6
7.2
5
FKP2G002201D00_ _ _ _
330 „
4.5
6
7.2
5
FKP2F003301D00_ _ _ _
4.5
6
7.2
5
FKP2G003301D00_ _ _ _
470 „
4.5
6
7.2
5
FKP2F004701D00_ _ _ _
4.5
6
7.2
5
FKP2G004701D00_ _ _ _
680 „
4.5
6
7.2
5
FKP2F006801D00_ _ _ _
4.5
6
7.2
5
FKP2G006801D00_ _ _ _
1000 pF
4.5
6
7.2
5
FKP2F011001D00_ _ _ _
4.5
6
7.2
5
FKP2G011001D00_ _ _ _
1500 „
4.5
6
7.2
5
FKP2F011501D00_ _ _ _
4.5
6
7.2
5
FKP2G011501D00_ _ _ _
2200 „
4.5
6
7.2
5
FKP2F012201D00_ _ _ _
4.5
6
7.2
5
FKP2G012201D00_ _ _ _
3300 „
5.5
7
7.2
5
FKP2F013301G00_ _ _ _
5.5
7
7.2
5
FKP2G013301G00_ _ _ _
4700 „
6.5
8
7.2
5
FKP2F014701I00_ _ _ _
6.5
8
7.2
5
FKP2G014701I00_ _ _ _
6800 „
6.5
8
7.2
5
FKP2F016801I00_ _ _ _
7.2
8.5
7.2
5
FKP2G016801J00_ _ _ _
0.01 mF
7.2
8.5
7.2
5
FKP2F021001J00_ _ _ _
8.5
10
7.2
5
FKP2G021001L00_ _ _ _
0.015 „
8.5
10
7.2
5
FKP2F021501L00_ _ _ _
* AC voltage: f  1000 Hz; 1.4 x Urms + UDC  Ur
** PCM = Printed circuit module = lead spacing.
E12 values and individual values available
from 27 pF up on request.
Dims. in mm.
d = 0.5 l
Rights reserved to amend design data without prior notification.
Part number completion:
Tolerance:
10 % = K
5 % = J
2.5 % = H
2 % = G
1.5 % = F
1 % = E
Packing:
bulk = S
Lead length: 6-2 = SD
Taped version see page 127.
5
PCM
at the lead exit points
( 0.5)
L
W
H
d
6 -2
1
10
100
1000
f/MHz
3 5 7
3 5 7
7
5
3
7
5
3
10
1
0.1
0.01
Z
Impedance change with frequency
(general guide).
Continuation page 32
WIMA FKP 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com