Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKP2F006801D00ESSD Datasheet(PDF) 5 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F006801D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F006801D00ESSD Datasheet(HTML) 5 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F006801D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F006801D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
127
D
P
P1
P0
P2
F
d
P
P1
P0
d
P2
F
D0
V
h
P1
P2
P0
P
d
F
Diagram 1:
PCM 2.5/5/7.5mm
Diagram 3: PCM 22.5 and 27.5*mm
*PCM 27.5 taping possible with two feed holes between components
Diagram 2: PCM 10/15 mm
Dimensions for Radial Taping
Designation
Symbol PCM 2.5 taping
PCM 5 taping
PCM 7.5 taping
PCM 10 taping*
PCM 15 taping*
PCM 22.5 taping
PCM 27.5 taping
Carrier tape width
W
18.0 p0.5
18.0 p0.5
18.0 p0.5
18.0 p0.5
18.0 p0.5
18.0 p0.5
18.0 p0.5
Hold-down tape width
W0
6.0
for hot-sealing
6.0
for hot-sealing
12.0
for hot-sealing
12.0
for hot-sealing
12.0
for hot-sealing
12.0
for hot-sealing
12.0
for hot-sealing
adhesive tape
adhesive tape
adhesive tape
adhesive tape
adhesive tape
adhesive tape
adhesive tape
Hole position
W1
9.0 p0.5
9.0 p0.5
9.0 p0.5
9.0 p0.5
9.0 p0.5
9.0 p0.5
9.0 p0.5
Hold-down tape position
W2
0.5 to 3.0 max.
0.5 to 3.0 max.
0.5 to 3.0 max.
0.5 to 3.0 max.
0.5 to 3.0 max.
0.5 to 3.0 max.
0.5 to 3.0 max.
Feed hole diameter
D0
4.0 p0.2
4.0 p0.2
4.0 p0.2
4.0 p0.2
4.0 p0.2
4.0 p0.2
4.0 p0.2
Pitch of component
P
12.7 p1.0
12.7 p1.0
12.7 p1.0
25.4 p1.0
25.4 p1.0
38.1 p1.5
3*8.1 p1.5 or 50.8 p1.5
cumulative pitch
cumulative pitch
cumulative pitch
cumulative pitch
cumulative pitch
cumulative pitch
cumulative pitch
Feed hole pitch
P0
12.7 p0.3 error max.
12.7 p0.3 error max.
12.7 p0.3 error max.
12.7 p0.3 error max.
12.7 p0.3 error max.
12.7 p0.3 error max.
12.7 p0.3 error max.
1.0 mm/20 pitch
1.0 mm/20 pitch
1.0 mm/20 pitch
1.0 mm/20 pitch
1.0 mm/20 pitch
1.0 mm/20 pitch
1.0 mm/20 pitch
Feed hole centre
P1
5.1 p0.5
3.85 p0.7
2.6 p0.7
7.7 p0.7
5.2 p0.7
7.8 p0.7
5.3 p0.7
to lead
Hole centre to
P2
6.35 p1.3
6.35 p1.3
6.35 p1.3
12.7 p1.3
12.7 p1.3
19.05 p1.3
19.05 p1.3
component centre
Feed hole centre to bottom
H
16.5 p0.3
16.5 p0.3
16.5 p0.5
16.5 p0.5
16.5 p0.5
16.5 p0.5
16.5 p0.5
edge of the component
18.5 p0.5
18.5 p0.5
18.5 p0.5
18.5 p0.5
18.5 p0.5
18.5 p0.5
18.5 p0.5
Feed hole centre to top
H1
H+Hcomponent < H1
H+Hcomponent < H1
H+Hcomponent < H1
H+Hcomponent < H1
H+Hcomponent < H1
H+Hcomponent < H1
H+Hcomponent < H1
edge of the component
32.25 max.
32.25 max.
24.5 to 31.5
25.0 to 31.5
26.0 to 37.0
30.0 to 43.0
35.0 to 45.0
Lead spacing at
F
2.5 p0.5
5.0
+0.8
7.5 p0.8
10.0 p0.8
15 p0.8
22.5 p0.8
27.5 p0.8
upper edge of carrier tape
–0.2
Lead diameter
d
0.4 p0.05
0.5 p0.05
„
0.5 p0.05 or 0.6 –0.05
„
0.5 p0.05 or 0.6 –0.05
0.8 –0.05
0.8 –0.05
0.8 –0.05
Component alignment
D
h
p 2.0 max.
p 2.0 max.
p 3.0 max.
p 3.0 max.
p 3.0 max.
p 3.0 max.
p 3.0 max.
Total tape thickness
t
0.7 p0.2
0.7 p0.2
0.7 p0.2
0.7 p0.2
0.7 p0.2
0.7 p0.2
0.7 p0.2
ROLL/AMMO
AMMO
Package
(see also page 128)
Unit
see details page 130.
Dims in mm.
„
Diameter of leads see General Data.
Please clarify customer-specific deviations with the manufacturer.
* PCM 10 and PCM 15 can be crimped to PCM 7.5.
Position of components according to PCM 7.5 (sketch 1). P0 = 12.7 or 15.0 is possible
REEL P 360 max.
B 52 p2 depending on
P 30 p1
58 p2
comp. dimensions
52 p2
54 p2
depending
REEL P 360 max. B 58 p2 or REEL P 500 max. B 60 p2 on PCM and
P 30 p1
66 p2
P 25 p1
68 p2
component dimensions
+0.06
+0,06
+0,08
+0,08
+0.08
Typical Dimensions for
Taping Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com