Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3281BC3R Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3281BC3R
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281BC3R Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3281BC3R Datasheet HTML 35Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 36Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 37Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 38Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 39Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 40Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 41Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 42Page - Renesas Technology Corp ZSSC3281BC3R Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
ZSSC3281 Datasheet
Rev. 1.3 FW Ver. 1.4.0
Mar.13.24 R33DS0020ED0100
Page 39
© 2024 Renesas Electronics
5.4
Bridge Output Scaling
ZSSC3281 offers a linear rescaling function to amplify or compress a partial region of the sensor input range to
the desired signal output range. Figure 30 illustrates the rescaling on an example where the 25% to 75% calibrated
signal input range is mapped to the output range of 0% to 100%. The feature is intended for customers who need
to separate product derivatives after a common sensor calibration step.
Brid ge Signal
100
0
x [%]
Brid ge Signal
100
0
Scaling by OutScaleGai n
and Ou tScale Offset
y [%]
50
75
25
SMAX
SMIN
SMAX
SMIN
Figure 30: Example: Bridge Output Scaling Function for Scaling 25% - 75%, to final 0% - 100%
The rescaling feature applies the following formula to the SSC conditioned outputs of the main bridge sensor:
������ = [
������∙������������������������������������������������������������������������
������������������
× (������ + ������ × ������������������������������������������������������������������������������������)]
������
������������������−������
Equation 17
The Coefficients OutScaleGain and OutScaleOffset are stored in the CCP (Configuration and Calibration Page) of
ZSSC3281 in signed magnitude format. According to Table 17 OutScaleGain is limited to a maximum gain of 4
and the OutScaleOffset can vary from -1.5 to 0 related to the SSC result number range 0 to ~2.
Table 17: Examples for Bridge Output Scaling
Input Relative
– x [%]
OutScaleGain
OutScaleOffset
Output Relative
– y [%]
real
CCP content (decimal)
real
CCP Content (decimal)
0
50.0
2.000
2097152
0.0
0
0
100
0
33.3
3.003
3148876
0.0
0
0
100
0
25.0
4.000
4194304
0.0
0
0
100
25
50.0
4.000
4194304
-0.5
-524288
0
100
25
75.0
2.000
2097152
-0.5
-524288
0
100
50
100.0
2.000
2097152
-1.0
-1048576
0
100
75
100.0
4.000
4194304
-1.5
-1572864
0
100
Table 18 lists the mapping of CCP register content to output scaling coefficients.
Table 18: Data Format of Output Scaling Coefficients in CCP
Bit-Number:
23
22
21
20
…
2
1
0
Meaning, Weighting
0 = positive
1 = negative
22
21
20
2-1
…
2-19
2-20
The GUI supports the calculation of OutScaleGain and OutScaleOffset based on provided relative input and output
range specifications (Can be set on the GUI tab Configure\Output Scaling).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com