Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3281KIT Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # ZSSC3281KIT
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281KIT Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button ZSSC3281KIT Datasheet HTML 69Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 70Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 71Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 72Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 73Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 74Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 75Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 76Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
ZSSC3281 Datasheet
Rev. 1.3 FW Ver. 1.4.0
Mar.13.24 R33DS0020ED0100
Page 73
© 2024 Renesas Electronics
12. Production Configuration
12.1
Configuration and Calibration Page (CCP) Memory Map
12.1.1.
Serial Interfaces
Address:
0x00
Register Name:
IfbParamCfg
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
1
EnCrc
0
CRC Checking of Serial Interface Communication
0: Disabled
1: Enabled
2
EnErrResp
0
Extended Error Response Mode in Serial Communication
0: Inactive
1: Active
4
BypassCmdInterp
0
Bypass of IFB Command Interpreter in Cyclic Mode
0: Inactive
1: Active
Address:
0x01
Register Name:
I3cslvRegCtrl
Default:
0x000000C0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
3:0
InstanceId
0
I3C Instance ID
4bit hex value
6
Enable
1
I2C/I3C Interface Activation
0: Disabled
1: Enabled
7
ModeI2c
1
Operation Mode of I2C/I3C Interface
0: I3C Mode
1: I2C Mode
Address:
0x02
Register Name:
I3cslvRegStatAddrCtrl
Default:
0x0000003C
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
6:0
Addr
0x3C
I2C/I3C Static Slave Address
7bit hex value
Address:
0x03
Register Name:
I3cslvInBandIrqSupport
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
0
InBandIrq
0x0
I2C/I3C Inband Interrupt Support
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com