Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3281KIT Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # ZSSC3281KIT
Description  Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3281KIT Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button ZSSC3281KIT Datasheet HTML 72Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 73Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 74Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 75Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 76Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 77Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 78Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 79Page - Renesas Technology Corp ZSSC3281KIT Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
ZSSC3281 Datasheet
Rev. 1.3 FW Ver. 1.4.0
Mar.13.24 R33DS0020ED0100
Page 76
© 2024 Renesas Electronics
Address:
0x0D
Register Name:
MiscctrlParamCfg.Divfclk
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
2:0
Divfclk
0x0
Clock Divider HighSpeedClock to System Clock
0x0: div1 (16MHz System clock)
0x1: div2 (8MHz System clock)
0x2: div4 (4MHz System clock)
0x3: div8 (2MHz System clock)
0x4: div16 (1MHz System clock)
Address:
0x0E
Register Name:
SmuParamCfg.Anacfg
Default:
0x00000108
31 30 29 28 27 26 25 24 23
22
21
20
19 18 17 16 15 14 13 12 11
10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
0
ExtldoDisable
0x0
External JFET LDO Activation
0: Enabled
1: Disabled
3
PgLossDetect
0x1
Power-Ground Loss Activation
0: Enabled
1: Disabled
8:4
ExtldoVolt
0x10
External JFET LDO Voltage if SmuParamCfg.Anacfg.ExtldoDisable set to enabled
0x02: 3.00V
0x04: 4.00V
0x08: 5.00V
0x10: 5.25V
Address:
0x0F
Register Name:
SmuParamCfg.Extclkcfg
Default:
0x00000000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Bits
Field Name
Default
Description
1
EnExtclk
0x0
External Clock Input Activation
0: Disabled
2
Type
0x0
External Clock Type
0: Clock
23:8
WaitTime
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com