Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7660SCBA Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICL7660SCBA
Description  Super Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBA Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICL7660SCBA Datasheet HTML 4Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 9Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 10Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 11Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.01
Page 8 of 14
Feb 10, 2020
Detailed Description
The ICL7660S and ICL7660A contain all the necessary
circuitry to complete a negative voltage converter, with the
exception of two external capacitors, which may be
inexpensive 10µF polarized electrolytic types. The mode of
operation of the device may best be understood by considering
Figure 14, which shows an idealized negative voltage
converter. Capacitor C1 is charged to a voltage, V+, for the half
cycle, when switches S1 and S3 are closed. (Note: Switches
S2 and S4 are open during this half cycle). During the second
half cycle of operation, switches S2 and S4 are closed, with S1
and S3 open, thereby shifting capacitor C1 to C2 such that the
voltage on C2 is exactly V+, assuming ideal switches and no
load on C2. The ICL7660S and ICL7660A approach this ideal
situation more closely than existing non-mechanical circuits.
In the ICL7660S and ICL7660A, the four switches of Figure 14
are MOS power switches; S1 is a P-Channel device; and S2,
S3 and S4 are N-Channel devices. The main difficulty with this
approach is that in integrating the switches, the substrates of
S3 and S4 must always remain reverse biased with respect to
their sources, but not so much as to degrade their “ON”
resistances. In addition, at circuit start-up, and under output
short circuit conditions (VOUT = V+), the output voltage must
be sensed and the substrate bias adjusted accordingly. Failure
to accomplish this would result in high power losses and
probable device latch-up.
This problem is eliminated in the ICL7660S and ICL7660A by a
logic network that senses the output voltage (VOUT) together
with the level translators, and switches the substrates of S3 and
S4 to the correct level to maintain necessary reverse bias.
The voltage regulator portion of the ICL7660S and ICL7660A is
an integral part of the anti-latchup circuitry; however, its
inherent voltage drop can degrade operation at low voltages.
Therefore, to improve low voltage operation, the “LV” pin
should be connected to GND, thus disabling the regulator. For
supply voltages greater than 3.5V, the LV terminal must be left
open to ensure latchup-proof operation and to prevent device
damage.
Theoretical Power Efficiency
Considerations
In theory, a voltage converter can approach 100% efficiency if
certain conditions are met:
1. The drive circuitry consumes minimal power.
2. The output switches have extremely low ON resistance and
virtually no offset.
3. The impedance of the pump and reservoir capacitors are
negligible at the pump frequency.
The ICL7660S and ICL7660A approach these conditions for
negative voltage conversion if large values of C1 and C2 are
used. ENERGY IS LOST ONLY IN THE TRANSFER OF
CHARGE BETWEEN CAPACITORS IF A CHANGE IN
VOLTAGE OCCURS. The energy lost is defined as shown in
Equation 1:
where V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (see Figure 14) compared to the
value of RL, there will be a substantial difference in the
voltages, V1 and V2. Therefore it is not only desirable to make
C2 as large as possible to eliminate output voltage ripple, but
also to employ a correspondingly large value for C1 in order to
achieve maximum efficiency of operation.
Do’s and Don’ts
1. Do not exceed maximum supply voltages.
2. Do not connect LV terminal to GND for supply voltage
greater than 3.5V.
3. Do not short circuit the output to V+ supply for supply
voltages above 5.5V for extended periods; however,
transient conditions including start-up are okay.
4. When using polarized capacitors, the + terminal of C1 must
be connected to pin 2 of the ICL7660S and ICL7660A, and
the + terminal of C2 must be connected to GND.
5. If the voltage supply driving the ICL7660S and ICL7660A
has a large source impedance (25
 to 30), then a 2.2µF
capacitor from pin 8 to ground may be required to limit the
rate of rise of input voltage to less than 2V/µs.
6. If the input voltage is higher than 5V and it has a rise rate
more than 2V/µs, an external Schottky diode from VOUT to
CAP- is needed to prevent latchup (triggered by forward
biasing Q4’s body diode) by keeping the output (pin 5) from
going more positive than CAP- (pin 4).
7. User should ensure that the output (pin 5) does not go more
positive than GND (pin 3). Device latch-up will occur under
these conditions. To provide additional protection, a 1N914
or similar diode placed in parallel with C2 will prevent the
device from latching up under these conditions, when the
load on VOUT creates a path to pull up VOUT before the IC
is active (anode pin 5, cathode pin 3).
VOUT = -VIN
C2
VIN
C1
S3
S4
S1
S2
8
2
4
33
5
7
FIGURE 14. IDEALIZED NEGATIVE VOLTAGE CONVERTER
E
1
2
---C1 V12 V22
–

=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com