Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7660SCBA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL7660SCBA
Description  Super Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL7660SCBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 9Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 10Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 11Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 12Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 13Page - Renesas Technology Corp ICL7660SCBA Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.01
Page 10 of 14
Feb 10, 2020
0.1µF, can be used in conjunction with the Boost Pin to achieve
similar output currents compared to the device free running
with C1 = C2 = 10µF or 100µF. (see Figure 11).
Increasing the oscillator frequency can also be achieved by
overdriving the oscillator from an external clock, as shown in
Figure 16. In order to prevent device latchup, a 1k
 resistor
must be used in series with the clock output. In a situation
where the designer has generated the external clock frequency
using TTL logic, the addition of a 10k
 pull-up resistor to V+
supply is required. Note that the pump frequency with external
clocking, as with internal clocking, will be one-half of the clock
frequency. Output transitions occur on the positive going edge
of the clock.
It is also possible to increase the conversion efficiency of the
ICL7660S and ICL7660A at low load levels by lowering the
oscillator frequency. This reduces the switching losses, and is
shown in Figure 17. However, lowering the oscillator frequency
will cause an undesirable increase in the impedance of the
pump (C1) and reservoir (C2) capacitors; this is overcome by
increasing the values of C1 and C2 by the same factor by
which the frequency has been reduced. For example, the
addition of a 100pF capacitor between pin 7 (OSC and V+) will
lower the oscillator frequency to 1kHz from its nominal
frequency of 10kHz (a multiple of 10), and thereby necessitate
a corresponding increase in the value of C1 and C2 (from 10µF
to 100µF).
Positive Voltage Doubling
The ICL7660S and ICL7660A may be employed to achieve
positive voltage doubling using the circuit shown in Figure 18.
In this application, the pump inverter switches of the ICL7660S
and ICL7660A are used to charge C1 to a voltage level of V+ -
VF, where V+ is the supply voltage and VF is the forward
voltage on C1, plus the supply voltage (V+) is applied through
diode D2 to capacitor C2. The voltage thus created on C2
becomes (2V+) - (2VF) or twice the supply voltage minus the
combined forward voltage drops of diodes D1 and D2.
The source impedance of the output (VOUT) will depend on the
output current, but for V+ = 5V and an output current of 10mA,
it will be approximately 60
.
Combined Negative Voltage Conversion and
Positive Supply Doubling
Figure 19 combines the functions shown in Figure 15 and
Figure 18 to provide negative voltage conversion and positive
voltage doubling simultaneously. This approach would be
suitable, for example, for generating +9V and -5V from an
existing +5V supply. In this instance, capacitors C1 and C3
perform the pump and reservoir functions, respectively, for
negative voltage generation, while capacitors C2 and C4 are
pump and reservoir, respectively, for the doubled positive
voltage. There is a penalty in this configuration which
combines both functions, however, in that the source
impedances of the generated supplies will be somewhat
higher, due to the finite impedance of the common charge
pump driver at pin 2 of the device.
Voltage Splitting
The bidirectional characteristics can also be used to split a
high supply in half, as shown in Figure 20. The combined load
will be evenly shared between the two sides, and a high value
1
2
3
4
8
7
6
5
+
-
10µF
ICL7660S
VOUT
V+
+
-
10µF
V+
CMOS
GATE
1kΩ
FIGURE 16. EXTERNAL CLOCKING
ICL7660A
1
2
3
4
8
7
6
5
+
-
ICL7660S
VOUT
V+
+
-
C2
C1
COSC
FIGURE 17. LOWERING OSCILLATOR FREQUENCY
ICL7660A
1
2
3
4
8
7
6
5
ICL7660S
V+
D1
D2
C1
C2
VOUT =
(2V+)
- (2VF)
+
-
+
-
FIGURE 18. POSITIVE VOLTAGE DOUBLER
NOTE: D1 AND D2 CAN BE ANY SUITABLE DIODE.
ICL7660A
1
2
3
4
8
7
6
5
ICL7660S
V+
D1
D2
C4
VOUT = (2V+) -
(VFD1) - (VFD2)
+
-
C2
+
-
C3
+
-
VOUT = -VIN
C1
+
-
FIGURE 19. COMBINED NEGATIVE VOLTAGE CONVERTER
AND POSITIVE DOUBLER
D3
ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com