Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8117AEVAL2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL8117AEVAL2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117AEVAL2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL8117AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL8117A
FN8752 Rev 1.00
Page 7 of 23
Feb 26, 2024
Absolute Maximum Ratings
Thermal Information
VCC5V to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
EXTBIAS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +62.5V
BOOT/UGATE to PHASE . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
PHASE and ISEN to GND . . . . . . . . . . . . . -5V (<20ns)/-0.3V (DC) to +62.5V
EN, PGOOD, SS/TRK, FB, COMP to GND . . . . . . . . . . -0.3V to VCC5V+0.3V
LGATE/OCS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
RT, MOD/SYNC to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
VCC5V Short-circuit to GND Duration. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1s
ESD Rating
Human Body Model (Tested per JS-001-2010). . . . . . . . . . . . . . . . . . 2kV
Charge Device Model (Tested per JESD22-C101E) . . . . . . . . . . . . . 750V
Latch-up (Tested per JESD78D; Class II, Level A, +125°C). . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
16 Ld QFN Package (Notes 4, 5) . . . . . . . .
40
2.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Operating Temperature. . . . . . . . . . . . . . . . . . .-40°C to +125°C
Maximum Storage Temperature . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 60V
VCC5V to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.1V to 5.5V
EXTBIAS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.1V to +5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommendedoperating conditionsunlessotherwisenoted. Refer to “BlockDiagram”onpage 5and “Typical
Application Schematics” on page 6. VIN = 4.5V to 60V, or VCC5V = 5V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C,
unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9) UNIT
VIN SUPPLY
VIN
Input Voltage Range
4.5
60
V
VIN SUPPLY CURRENT
IVINQ
Shutdown Current (Note 7)
EN = 0
PGOOD is floating
5
10
µA
IVINOP
Operating Current (Note 8)
PGOOD is floating
2.5
4
mA
VCC5V SUPPLY (Note 6)
VCC
Operation Voltage
VIN = 12V, IL = 0mA
4.85
5.1
5.4
V
Internal LDO Output Voltage
VIN = 4.5V, IL = 30mA
4.1
4.4
V
Internal LDO Output Voltage
VIN > 5.6V, IL = 75mA
4.75
5.05
V
IVCC_MAX
Maximum Supply Current of Internal LDO
VVCC5V = 0V, VIN = 12V
120
mA
EXTBIAS SUPPLY (Note 6)
VEXT_THR
Switch Over Threshold Voltage, Rising
EXTBIAS voltage
4.5
4.7
4.9
V
VEXT_THF
Switch Over Threshold Voltage, Falling
EXTBIAS voltage
4.2
4.5
4.65
V
REXT
Internal Switch ON-resistance
VIN = 12V
1.5
Ω
UNDERVOLTAGE LOCKOUT
VUVLOTHR
Undervoltage Lockout, Rising
VIN voltage, 0mA on VCC5V
3.7
3.90
4.2
V
VUVLOTHF
Undervoltage Lockout, Falling
VIN voltage, 0mA on VCC5V
3.35
3.50
3.85
V
EN THRESHOLD
VENSS_THR EN Rise Threshold
VIN = 12V
1.25
1.60
1.95
V
VENSS_THF
EN Fall Threshold
VIN = 12V
1.05
1.25
1.55
V
VENSS_HYST EN Hysteresis
VIN = 12V
180
350
500
mV
SOFT-START CURRENT
ISS
SS/TRK Soft-start Charge Current
SS/TRK = 0V
2.00
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com