Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8117AEVAL2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8117AEVAL2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117AEVAL2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8117AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL8117A
FN8752 Rev 1.00
Page 8 of 23
Feb 26, 2024
DEFAULT INTERNAL MINIMUM SOFT-STARTING
tSS_MIN
Default Internal Output Ramping Time
SS/TRK open
1.5
ms
POWER-GOOD MONITORS
VPGOV
PGOOD Upper Threshold
109
112.5
115
%
VPGUV
PGOOD Lower Threshold
85
87.5
92
%
VPGLOW
PGOOD Low Level Voltage
I_SINK = 2mA
0.35
V
IPGLKG
PGOOD Leakage Current
PGOOD = 5V
20
150
nA
PGOOD TIMING
tPGR
VOUT Rising Threshold to PGOOD Rising (Note 11)
1.1
5
ms
tPGF
VOUT Falling Threshold to PGOOD Falling
75
µs
REFERENCE SECTION
VREF
Internal Reference Voltage
0.600
V
Reference Voltage Accuracy
TA = 0°C to +85°C
-0.75
+0.75
%
TA = -40°C to +125°C
-1.00
+1.00
%
IFBLKG
FB Bias Current
-40
0
40
nA
PWM CONTROLLER ERROR AMPLIFIERS
Input Common-mode Range
VIN = 12V
0
VCC5V -
2
V
DC Gain
VIN = 12V
88
dB
GBW
Gain-BW Product
VIN = 12V
8
MHz
SR
Slew Rate
VIN = 12V
2.0
V/µs
COMP VOL
VIN = 12V
0.4
V
COMP VOH
VIN = 12V
2.6
V
COMP Sink Current (Note 12)
VCOMP = 2.5V
30
mA
COMP Source Current (Note 12)
VCOMP = 2.5V
30
mA
PWM REGULATOR
tOFF_MIN
Minimum Off Time
308
ns
tON_MIN
Minimum On Time
40
ns
DVRAMP
Peak-to-peak Sawtooth Amplitude
VIN = 20V
1.0
V
VIN = 12V
0.6
V
Ramp Offset
1.0
V
SWITCHING FREQUENCY
fSW
Switching Frequency
RT = 36k
890
1050
1195
kHz
Switching Frequency
RT = 16.5k
1650
2000
2375
kHz
Switching Frequency
RT PIN connect to GND
250
300
350
kHz
Switching Frequency
RT PIN connect to VCC5V or FLOAT
515
600
645
kHz
VRT
RT Voltage
RT = 36k
770
mV
SYNCHRONIZATION
FSYNC
SYNC Synchronization Range
RT = 36kΩ
1230
2200
kHz
Electrical Specifications Recommendedoperating conditionsunlessotherwisenoted. Refer to “BlockDiagram”onpage 5and “Typical
Application Schematics” on page 6. VIN = 4.5V to 60V, or VCC5V = 5V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C,
unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com