Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7262 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 4Page - STMicroelectronics ST7262_06 Datasheet HTML 5Page - STMicroelectronics ST7262_06 Datasheet HTML 6Page - STMicroelectronics ST7262_06 Datasheet HTML 7Page - STMicroelectronics ST7262_06 Datasheet HTML 8Page - STMicroelectronics ST7262_06 Datasheet HTML 9Page - STMicroelectronics ST7262_06 Datasheet HTML 10Page - STMicroelectronics ST7262_06 Datasheet HTML 11Page - STMicroelectronics ST7262_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
ST7262
8/139
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type:
I = Input, O = Output, S = Supply
Input level:
A = Dedicated analog input
Input level:
C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = High Sink (on N-buffer only)
Port configuration capabilities:
– Input:float = floating, wpu = weak pull-up, int = interrupt (\ =falling edge, / =rising edge),
ana = analog
– Output: OD = open drain, T = true open drain (N buffer 8mA@0.4 V), PP = push-pull
Table 1. Device Pin Description
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1
6
29 28
9
14 VPP
Sx
FLASH programming voltage
(12V), must be tied low in user
mode.
2
7
--
--
PD1
I/O CT
xx
Port D1
3
8
--
--
PD0
I/O CT
xx
Port D0
49
31
-
-
-
PC7
I/O CT
xx
Port C7
5
10 32 30
-
-
PC6/MOSI
I/O CT
xx
Port C6
SPI Master Out /
Slave In 1)
6
11 33 31
-
-
PC5/MISO/IT12
I/O CT
xx
x
Port C5
SPI Master In /
Slave Out 1) /
Interrupt 12 input
712 34 32
-
-
PC4/SS/IT11
I/O CT
xx
x
Port C4
SPI Slave Select
(active low) 1)/
Interrupt 11 input
8
13 1
1
-
-
PC3/SCK/IT10
I/O CT
xx
x
Port C3
SPI Serial Clock 1)/
Interrupt 10 input
9142
2
-
-
PC2/IT9
I/O CT
xx
x
Port C2
Interrupt 9 input
10 15
3
3
11 16 OSCIN
These pins are used connect an
external clock source to the on-
chip main oscillator.
11 16
4
4
12 17 OSCOUT
12 17
5
5
4
9
VSS
S
Digital Ground Voltage
13 18
6
6
8
13 VDD
S
Digital Main Power Supply Volt-
age
14 19
7
-
-
-
PC1
I/O CT
xT
Port C1
15 20
-
-
-
-
PC0
I/O CT
xT
Port C0
16 21
8
7
13 18
PB7/PWM1/IT8/
RX_SEZ/DA-
TAOUT/DA9
I/O CT HS x
\
x
Port B7
ART PWM output 1/
Interrupt 8 input
17
-
-
N.C.
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com