Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7262 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7262_06 Datasheet HTML 1Page - STMicroelectronics ST7262_06 Datasheet HTML 2Page - STMicroelectronics ST7262_06 Datasheet HTML 3Page - STMicroelectronics ST7262_06 Datasheet HTML 4Page - STMicroelectronics ST7262_06 Datasheet HTML 5Page - STMicroelectronics ST7262_06 Datasheet HTML 6Page - STMicroelectronics ST7262_06 Datasheet HTML 7Page - STMicroelectronics ST7262_06 Datasheet HTML 8Page - STMicroelectronics ST7262_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
March 2006
1/139
Rev. 4.0
ST7262
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR
ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
■ Memories
– 8K or 16K Program memory
(ROM or Dual voltage FLASH)
with read-write protection
– In-Application and In-Circuit Programming for
FLASH versions
– 384 to 768 bytes RAM (128-byte stack)
■ Clock, Reset and Supply Management
– Enhanced Reset System (Power On Reset)
– Low Voltage Detector (LVD)
– Clock-out capability
– 6 or 12 MHz Oscillator (8, 4, 2, 1 MHz internal
frequencies)
– 3 Power saving modes
■ USB (Universal Serial Bus) Interface
– DMA for low speed applications compliant
with USB specification (version 2.0):
– Integrated 3.3V voltage regulator and trans-
ceivers
– Suspend and Resume operations
– 3 Endpoints
■ Up to 31 I/O Ports
– Up to 31 multifunctional bidirectional I/O lines
– Up to 12 External interrupts (3 vectors)
– 13 alternate function lines
– 8 high sink outputs
(8 mA@0.4 V/20 mA@1.3 V)
– 2 true open drain pins (N buffer 8 mA@0.4 V)
■ 3 Timers
– Configurable watchdog timer (8 to 500 ms
timeout)
– 8-bit Auto Reload Timer (ART) with 2 Input
Captures, 2 PWM outputs and External Clock
– 8-bit Time Base Unit (TBU) for generating pe-
riodic interrupts cascadable with ART
■ Analog Peripheral
– 10-bit A/D Converter with up to 8 input pins.
■ 2 Communications Interfaces
– Asynchronous Serial Communication inter-
face
– Synchronous Serial Peripheral Interface
■ Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
■ Nested interrupts
■ Development Tools
– Full hardware/software development package
Device Summary
PDIP32 shrink
SO34 shrink
LQFP44
PDIP42 shrink
SO20
PDIP20
Features
ST72623F2
ST72621K4
ST72622L2
ST72621L4
ST72621J4
Program memory - bytes
8K
16K
8K
16K
16K
RAM (stack) - bytes
384 (128)
768 (128)
384 (128)
768 (128)
768 (128)
Peripherals
USB, Watchdog, Low Voltage Detector, 8-bit Auto-Reload timer, Timebase unit, A/D Converter
Serial I/O
-
SPI + SCI
SPI
SPI + SCI
I/Os
11
212331
Operating Supply
4.0V to 5.5V (Low voltage 3.0V to 5.5V ROM versions available)
Operating Temperature
0°C to +70°C
Packages
PDIP20/SO20
PDIP32
SO34
PDIP42/LQFP44
1


Similar Part No. - ST7262_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72621J2 STMICROELECTRONICS-ST72621J2 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST72621J2B1 STMICROELECTRONICS-ST72621J2B1 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST72621J2T1 STMICROELECTRONICS-ST72621J2T1 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST72621J2T1L STMICROELECTRONICS-ST72621J2T1L Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST72621J4 STMICROELECTRONICS-ST72621J4 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
More results

Similar Description - ST7262_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
Jun-2003
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
26-Sep-2006
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
19-Jun-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com