Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FI-X30SSLA-HF-R2500 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-X30SSLA-HF-R2500
Description  1.0mm pitch, for interface of LCD, Standard type (Board face mounting), 30 pos., Board side receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-X30SSLA-HF-R2500 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FI-X30SSLA-HF-R2500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-X30SSLA-HF-R2500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-X30SSLA-HF-R2500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Finish of Contact in Terminal
Area
-
Finish of Contact in PCB
Mounting Area
Tin plating over Nickel
Shell, Material/ Finish
Stainless-steel/ Tin plating
Material of Housing
Heat resisting plastic (UL94V-0)
Locking Feature
Mechanical lock
PCB Mounted Height (mm)
2.3
Applicable Contacts
-
Applicable Product Part
Numbers
  
Packaging Type
Embossed tape packaging
Quantity in The Standard
Packaging (pieces)
2,500 pieces/reel
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
241 substances (27/06/2024)
Combination
FI-X30C-NPB
FI-X30H
FI-X30HL
FI-X30MA1
FI-X30M-NPB
FI-X30HL-B
FI-X30MR-NPB
Remarks
  
Notice
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
1.
Users are requested to provide protection circuits and redundancy circuits to ensure safety of
the equipment, and sufficiently review the suitability of JAE's products to the equipment.
2.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com