Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FI-X30SSLA-HF-R2500 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-X30SSLA-HF-R2500
Description  1.0mm pitch, for interface of LCD, Standard type (Board face mounting), 30 pos., Board side receptacle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-X30SSLA-HF-R2500 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-X30SSLA-HF-R2500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-X30SSLA-HF-R2500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-X30SSLA-HF-R2500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FI-X30SSLA-HF-R2500
Features
1.0mm pitch, for interface of LCD, Standard type (Board face mounting), 30 pos., Board side receptacle
Part Number
FI-X30SSLA-HF-R2500
Status
Active
Number of Positions
30 pos.
Contact Pitch (mm)
1.0 mm
Connector Type
Board side receptacle
Connector Style
Right angle
Wire Termination Style
-
PCB Mounting Method
Soldering (SMT)
Applicable Wire
-
Applicable Wire Size
-
Applicable Wire Insulation
Diameter (mm)
-
Remarks on Applicable Wire
  
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Gold plating over Nickel
Product Details


Similar Part No. - FI-X30SSLA-HF-R2500

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-X30SSLA-HF JAE-FI-X30SSLA-HF Datasheet
50Kb / 4P
1.0mm pitch, for interface of LCD, Standard type (Board face mounting), 30 pos., Board side receptacle
More results

Similar Description - FI-X30SSLA-HF-R2500

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB8 CRYDOM-PB8 Datasheet
357Kb / 3P
MOUNTING BOARD
PB16 CRYDOM-PB16 Datasheet
385Kb / 3P
MOUNTING BOARD
PB24M CRYDOM-PB24M Datasheet
369Kb / 3P
MOUNTING BOARD
logo
Ohmite Mfg. Co.
OMT202 OHMITE-OMT202 Datasheet
36Kb / 1P
PC Board Mounting Type
logo
SUYIN USA, INC.
100100MA SUYIN-USA-100100MA Datasheet
152Kb / 1P
1.0mm PITCH BOARD TO BOARD CONNECTOR (SMD TYPE)
logo
Tyco Electronics
1705951 MACOM-1705951 Datasheet
184Kb / 1P
MODULAR JACK SIDE ENTRY, 8 POS FOR PRINTED CIRCUIT BOARD
logo
Surge Components
SPL2H101MND2545 SURGE-SPL2H101MND2545 Datasheet
434Kb / 4P
Large size for PCB board mounting hole type
SPM2C182MND3540 SURGE-SPM2C182MND3540 Datasheet
421Kb / 3P
Large size for PCB board mounting hole type
logo
Japan Aviation Electron...
FI-X30SSLA-HF JAE-FI-X30SSLA-HF Datasheet
50Kb / 4P
1.0mm pitch, for interface of LCD, Standard type (Board face mounting), 30 pos., Board side receptacle
logo
Digital View Ltd
MIP-1000 DIGITALVIEW-MIP-1000 Datasheet
520Kb / 2P
MIPI interface LCD controller board
Oct 2019 v1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com