Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAPPHIRE-LP Datasheet(PDF) 5 Page - Coherent Corp

Part # SAPPHIRE-LP
Description  CW Visible Lasers from Deep Blue to Orange
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

SAPPHIRE-LP Datasheet(HTML) 5 Page - Coherent Corp

  SAPPHIRE-LP Datasheet HTML 1Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 2Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 3Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 4Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 5Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 6Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Sapphire LP
CW Visible Lasers from Deep Blue to Orange
ME ASUREMENT TOOLS
Part Number
Meter
FieldMax™II-TO
1098579
Sensor
PS10Q
1098400
MECHANICAL SPECIFICATIONS
Controller
6.1 mm
(0.24 in.)
20.4 mm
(0.8 in.)
11 mm
(0.43 in.)
16.7 mm
(0.66 in.)
8.3 mm
(0.327 in.)
66 mm
(2.6 in.)
76.2 mm
(3.0 in.)
8.8 mm (0.345 in.)
6.35 mm
(0.25 in.)
app.
35 mm
(1.38 in.)
max.
6.1 mm
(0.24 in.)
6 spacers with tapped thread
M4, UNC #8 or 5/32 BSW
are attached
USB-Interface
Mini USB-Type B
5 pol
Serial Interface
DSub-9 (female)
Analog Interface
26 pin-headertype AMP latch
Tyco 281275-1
Laser Head DSub-25 (female)
Fuse TE5 5A 127V Littlefuse 3961500000
DC Power Connector
Molex Micro Fit 3.0 10 positions
Top View
Side
View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com