Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAPPHIRE-LP Datasheet(PDF) 1 Page - Coherent Corp

Part # SAPPHIRE-LP
Description  CW Visible Lasers from Deep Blue to Orange
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

SAPPHIRE-LP Datasheet(HTML) 1 Page - Coherent Corp

  SAPPHIRE-LP Datasheet HTML 1Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 2Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 3Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 4Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 5Page - Coherent Corp SAPPHIRE-LP Datasheet HTML 6Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features and Benefits
• Wavelength versatility
- 458 nm to 594 nm
• Broad spectrum of output power
- 10 mW up to 300 mW
• Outstanding power stability and
low noise
• Superior beam quality
• Flexible interface concept
- Analog, RS-232 & USB
• PermAlign technology
- Permanent optimal alignment
- Unsurpassed robust and stable
• Proven reliability
- More than 50,000 installations
• OEM and end-user versions
Applications
• Flow Cytometry
• Confocal Microscopy
• Genomics & Proteomics
• High Throughput Drug Screening
• Medical Diagnostics
• Micro Array Scanning
• Semiconductor Inspection
• Metrology
Sapphire LP is a series of compact CW visible lasers based
on Coherent’s unique OPSL (Optically Pumped Semiconductor
Laser) technology. OPSL technology not only provides estab-
lished legacy wavelengths of ion and diode-pumped solid-state
lasers, but their scalability also allows for customized wave-
lengths to be developed and tailored to a specific application.
Sapphire LP lasers are manufactured in cleanrooms using
Coherent’s patented PermAlign™ technology for optimal align-
ing and solderbonding the optics. This patented technology
results in the best beam quality and power stability as well as
the lowest noise over the complete lifetime of the laser.
Sapphire LP lasers come with a flexible interface concept:
Analog, RS-232 or USB – it is up the user to select the appro-
priate communication channel.
Sapphire LP lasers feature superior performance, proven
reliability and low cost of ownership making them the ideal
laser solution for a variety of applications e.g. in life sciences,
environmental protection, semiconductor inspection, and
metrology.
Sapphire LP
CW Visible Lasers
from Deep Blue to Orange


Similar Part No. - SAPPHIRE-LP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP SANKEN-SAP Datasheet
135Kb / 6P
Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
SOVICO corp.
SAP-03 SOVICO-SAP-03 Datasheet
12Mb / 1P
DATA JACK PLATE
logo
Eravant
SAP-03-R2 ERAVANT-SAP-03-R2 Datasheet
301Kb / 3P
WR-03 Probe Antenna
Rev. 1.2
SAP-04-R2 ERAVANT-SAP-04-R2 Datasheet
234Kb / 3P
WR-04 Probe Antenna
Rev 1.2
SAP-05-R2 ERAVANT-SAP-05-R2 Datasheet
235Kb / 3P
WR-05 Probe Antenna
Rev 1.2
More results

Similar Description - SAPPHIRE-LP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4700CF-UBL MARKTECH-MT4700CF-UBL Datasheet
52Kb / 2P
Blue Visible Emitter
MT4710C-UBL MARKTECH-MT4710C-UBL Datasheet
51Kb / 2P
Blue Visible Emitter
MT4712N-UBL MARKTECH-MT4712N-UBL Datasheet
53Kb / 2P
Blue Visible Emitter
MT4730F-UBL MARKTECH-MT4730F-UBL Datasheet
175Kb / 2P
Blue Visible Emitter
MT4730NF-UBL MARKTECH-MT4730NF-UBL Datasheet
174Kb / 2P
Blue Visible Emitter
MT4730P-UBL MARKTECH-MT4730P-UBL Datasheet
52Kb / 2P
Blue Visible Emitter
MT4750C-UBL MARKTECH-MT4750C-UBL Datasheet
50Kb / 2P
Blue Visible Emitter
MT4750-UBL MARKTECH-MT4750-UBL Datasheet
174Kb / 2P
Blue Visible Emitter
MTE4047C5-UB MARKTECH-MTE4047C5-UB Datasheet
510Kb / 3P
Visible Blue Emitter
MTE4047C5-UB MARKTECH-MTE4047C5-UB_15 Datasheet
510Kb / 3P
Visible Blue Emitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com