Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SII3531A Datasheet(PDF) 37 Page - Silicon image

Part # SII3531A
Description  PCI Express to Serial ATA Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3531A Datasheet(HTML) 37 Page - Silicon image

Back Button SII3531A Datasheet HTML 33Page - Silicon image SII3531A Datasheet HTML 34Page - Silicon image SII3531A Datasheet HTML 35Page - Silicon image SII3531A Datasheet HTML 36Page - Silicon image SII3531A Datasheet HTML 37Page - Silicon image SII3531A Datasheet HTML 38Page - Silicon image SII3531A Datasheet HTML 39Page - Silicon image SII3531A Datasheet HTML 40Page - Silicon image SII3531A Datasheet HTML 41Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
PCI Express to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0208-C
37
•
Unrecognized FIS. Indicates that the F-bit has been set in the Serror Diag field. Writing a one to bit 6 or 22 of
the port Interrupt Status Register clears this interrupt condition. This interrupt is enabled or disabled with the
corresponding bit in the port Interrupt Enable Set/Clear Register.
•
Device Exchanged. Indicates that the X-bit has been set in the Serror Diag field. The X-bit is set upon receipt of
a COMINIT from the device. Writing a one to bit 7 or 23 of the port Interrupt Status Register clears this interrupt
condition. This interrupt is enabled or disabled with the corresponding bit in the port Interrupt Enable Set/Clear
Register.
•
8b/10b Decode Error Threshold Exceeded. Indicates that the 8b/10b Decode Error counter has exceeded the
programmed non-zero threshold value. Writing any value to the port 8b/10b Decode Error Counter Register or
writing a one to bit 8 or 24 of the Interrupt Status Clear Register will clear this interrupt condition. This interrupt is
enabled by writing a non-zero value to the threshold field (bit[31:16]) of the port 8b/10b Decode Error Counter
Register. Writing a zero the threshold field will disable this interrupt.
•
CRC Error Threshold Exceeded. Indicates that the CRC Error counter has exceeded the programmed non-zero
threshold value. Writing any value to the port CRC Error Counter Register or writing a one to bit 9 or 25 of the
Interrupt Status Clear Register will clear this interrupt condition. This interrupt is enabled by writing a non-zero
value to the threshold field (bit[31:16]) of the port CRC Error Counter Register. Writing a zero to the threshold
field will disable this interrupt.
•
Handshake Error Threshold Exceeded. Indicates that the Handshake Error counter has exceeded the
programmed non-zero threshold value. A handshake error occurs when an R_ERR primitive is received. Writing
any value to the port Handshake Error Counter Register or writing a one to bit 10 or 26 of the Interrupt Status
Clear Register will clear this interrupt condition. This interrupt is enabled by writing a non-zero value to the
threshold field (bit[31:16]) of the port Handshake Error Counter Register. Writing a zero to the threshold field will
disable this interrupt.
•
SDB Notify. Indicates that a “Set Device Bits” FIS has been received with the N-bit set in the control field.
ATAPI and Port Multiplier devices optionally use this feature to signal the host that an event has occurred that
requires further scrutiny. Writing a one to bit 11 or 27 of the port Interrupt Status Register clears this interrupt
condition. This interrupt is enabled or disabled with the corresponding bit in the port Interrupt Enable Set/Clear
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com