Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G241DCTRG4.Z Datasheet(PDF) 8 Page - Texas Instruments

Part # 74LVC2G241DCTRG4.Z
Description  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74LVC2G241DCTRG4.Z Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74LVC2G241DCTRG4.Z Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 9Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 10Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 11Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
1
2
6
1Y
1OE
1A
7
5
3
2Y
2OE
2A
8
SN74LVC2G241
SCES210P – APRIL 1999 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: SN74LVC2G241
Submit Documentation Feedback
Copyright © 1999–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74LVC2G241 device is designed specifically to improve both the performance and density of 3-state
memory-address drivers, clock drivers, and bus-oriented receivers and transmitters. The SN74LVC2G241 device
is organized as two 1-bit line drivers with separate output-enable (1OE, 2OE) inputs. When 1OE is low and 2OE
is high, the device passes data from the A inputs to the Y outputs. When 1OE is high and 2OE is low, the
outputs are in the high-impedance state.
The SN74LVC2G241 is also an effective redriver, with a maximum output current drive of 32 mA.
8.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
8.3 Feature Description
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor, and OE should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sinking or the current-sourcing capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.4 Device Functional Modes
Table 1 and Table 2 list the functional modes of the SN74LVC2G241.
Table 1. Gate 1 Functional Table
INPUTS
OUTPUT
1Y
1OE
1A
L
H
H
L
L
L
H
X
Z
Table 2. Gate 2 Functional Table
INPUTS
OUTPUT
2Y
2OE
2A
H
H
H
H
L
L
L
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com