Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G241DCTRG4.Z Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LVC2G241DCTRG4.Z
Description  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74LVC2G241DCTRG4.Z Datasheet(HTML) 1 Page - Texas Instruments

  74LVC2G241DCTRG4.Z Datasheet HTML 1Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 2Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 3Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
6
1Y
1OE
1A
7
5
3
2Y
2OE
2A
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC2G241
SCES210P – APRIL 1999 – REVISED JANUARY 2019
SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ Package
•
Supports 5-V VCC Operation
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 4.1 ns at 3.3 V
•
Low Power Consumption, 10-µA Maximum ICC
•
±24-mA Output Drive at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
•
Can Be Used as a Down Translator to Translate
Inputs From a Max of 5.5 V Down
to the VCC Level
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
AV Receivers
•
Blu-ray Players and Home Theaters
•
DVD Recorders and Players
•
Desktop or Notebook PCs
•
Digital Radio or Internet Radio Players
•
Digital Video Cameras (DVC)
•
Embedded PCs
•
GPS: Personal Navigation Devices
•
Mobile Internet Devices
•
Network Projector Front-Ends
•
Portable Media Players
•
Pro Audio Mixers
3 Description
This dual buffer and line driver is designed for 1.65-V
to 5.5-V VCC operation.
The SN74LVC2G241 device is designed specifically
to improve both the performance and density of 3-
state memory-address drivers, clock drivers, and bus-
oriented receivers and transmitters.
NanoFree
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
The SN74LVC2G241 device is organized as two 1-bit
line drivers with separate output-enable (1OE, 2OE)
inputs. When 1OE is low and 2OE is high, the device
passes data from the A inputs to the Y outputs. When
1OE is high and 2OE is low, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor, and OE should be tied to GND
through a pulldown resistor; the minimum value of the
resistor is determined by the current-sinking or the
current-sourcing capability of the driver.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
through the device when it is powered down.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2G241DCT
SM8 (8)
2.95 mm × 2.80 mm
SN74LVC2G241DCU VSOOP (8)
2.30 mm × 2.00 mm
SN74LVC2G241YZP
DSBGA (8)
1.91 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - 74LVC2G241DCTRG4.Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G241DCTRG4 TI1-74LVC2G241DCTRG4 Datasheet
925Kb / 22P
Dual Buffer and Driver With 3-State Outputs
74LVC2G241DCTRG4 TI1-74LVC2G241DCTRG4 Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
More results

Similar Description - 74LVC2G241DCTRG4.Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_15 Datasheet
925Kb / 22P
Dual Buffer and Driver With 3-State Outputs
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
Dual Buffer Driver With 3-State Outputs
SN74LVC2G241 TI1-SN74LVC2G241_17 Datasheet
1,017Kb / 24P
Dual Buffer and Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com