Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN260 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 11Page - STMicroelectronics SN260 Datasheet HTML 12Page - STMicroelectronics SN260 Datasheet HTML 13Page - STMicroelectronics SN260 Datasheet HTML 14Page - STMicroelectronics SN260 Datasheet HTML 15Page - STMicroelectronics SN260 Datasheet HTML 16Page - STMicroelectronics SN260 Datasheet HTML 17Page - STMicroelectronics SN260 Datasheet HTML 18Page - STMicroelectronics SN260 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
SN260
Functional description
15/88
5
Functional description
The SN260 connects to the Host micro controller through a standard SPI interface. The
EmberZNet Serial Protocol (EZSP) has been defined to allow an application to be written on
a host micro controller of choice. Therefore, the SN260 comes with a license to EmberZNet,
the EmberZNet ZigBee-compliant software stack. The following brief description of the
hardware modules provides the necessary background on the operation of the SN260. For
more information, contact your local ST sales representative.
5.1
Receive (RX) path
The SN260 RX path spans the analog and digital domains. The RX architecture is based on
a low-IF, super-heterodyne receiver. It utilizes differential signal paths to minimize noise
interference. The input RF signal is mixed down to the IF frequency of 4MHz by I and Q
mixers. The output of the mixers is filtered and combined prior to being sampled by a
12Msps ADC. The RX filtering within the RX path has been designed to optimize the co-
existence of the SN260 with other 2.4GHz transceivers, such as the IEEE 802.11g and
Bluetooth.
5.1.1
RX baseband
The SN260 RX baseband (within the digital domain) implements a coherent demodulator for
optimal performance. The baseband demodulates the O-QPSK signal at the chip level and
synchronizes with the IEEE 802.15.4-2003 preamble. Once a packet preamble is detected,
it de-spreads the demodulated data into 4-bit symbols. These symbols are buffered and
passed to the hardware-based MAC module for filtering.
In addition, the RX baseband provides the calibration and control interface to the analog RX
modules, including the LNA, RX Baseband Filter, and modulation modules. The EmberZNet
software includes calibration algorithms which use this interface to reduce the effects of
process and temperature variation.
5.1.2
RSSI and CCA
The SN260 calculates the RSSI over an 8-symbol period as well as at the end of a received
packet. It utilizes the RX gain settings and the output level of the ADC within its algorithm.
The SN260 RX baseband provides support for the IEEE 802.15.4-2003 required CCA
methods summarized in Table 10. Modes 1, 2, and 3 are defined by the 802.15.4-2003
standard; Mode 0 is a proprietary mode.
Table 10.
CCA mode behavior
CCA mode
Mode behavior
0
Clear channel reports busy medium if either carrier sense OR RSSI exceeds their
thresholds.
1
Clear channel reports busy medium if RSSI exceeds its threshold.
2
Clear channel reports busy medium if carrier sense exceeds its threshold.
3
Clear channel reports busy medium if both RSSI and carrier sense exceed their
thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com